Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS103B Datasheet(PDF) 2 Page - Vishay Siliconix

Part # LS103B
Description  Small Signal Schottky Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LS103B Datasheet(HTML) 2 Page - Vishay Siliconix

  LS103B Datasheet HTML 1Page - Vishay Siliconix LS103B Datasheet HTML 2Page - Vishay Siliconix LS103B Datasheet HTML 3Page - Vishay Siliconix LS103B Datasheet HTML 4Page - Vishay Siliconix LS103B Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
2
Document Number 85631
Rev. 1.4, 05-Aug-10
LS103A, LS103B, LS103C
Vishay Semiconductors
For technical questions within your region, please contact one of the following:
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Typical Characteristics
Tamb = 25 °C, unless otherwise specified
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
Reverse Breakdown Voltage
IR = 10 µA
LS103A
V(BR)
40
V
LS103B
V(BR)
30
V
LS103C
V(BR)
20
V
Leakage current
VR = 30 V
LS103A
IR
5µA
VR = 20 V
LS103B
IR
5µA
VR = 10 V
LS103C
IR
5µA
Forward voltage drop
IF = 20 mA
VF
370
mV
IF = 200 mA
VF
600
mV
Diode capacitance
VR = 0 V, f = 1 MHz
CD
50
pF
Reverse recovery time
IF = IR = 50 to 200 mA,
recover to 0.1 IR
trr
10
ns
Figure 1. Forward Current vs. Forward Voltage
Figure 2. Forward Current vs. Forward Voltage
0 100 200 300 400 500 600 700 800 900 1000
V
F - Forward Voltage (mV)
16765
1000
100
10
1
0.1
0.01
0.001
0
1
2
3
4
5
0.0
0.5
1.0
1.5
2.0
V
F - Forward Voltage (V)
16766
Figure 3. Reverse Current vs. Junction Temperature
Figure 4. Diode Capacitance vs. Reverse Voltage
1
10
100
1000
10 000
20
40
60
80
0
100
120
140
160
T
j - Junction Temperature (°C)
16767
0
5
10
15
20
25
30
0
1015202530
V
R - Reverse Voltage (V)
16768
f = 1 MHz
5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com