Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS103C Datasheet(PDF) 4 Page - Vishay Siliconix

Part # LS103C
Description  Small Signal Schottky Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LS103C Datasheet(HTML) 4 Page - Vishay Siliconix

  LS103C Datasheet HTML 1Page - Vishay Siliconix LS103C Datasheet HTML 2Page - Vishay Siliconix LS103C Datasheet HTML 3Page - Vishay Siliconix LS103C Datasheet HTML 4Page - Vishay Siliconix LS103C Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Document Number: 84025
For technical questions, contact: EMI-filter@vishay.com
www.vishay.com
Rev. 1.2, 12-Jan-07
1
QuadroMELF SOD80
Vishay Semiconductors
PACKAGE DIMENSIONS in millimeters (inches)
96 12071
Cathode identification
1.25 (0.049) min.
3.7 (0.146)
3.3 (0.130)
0.47 (0.019) max.
2.5 (0.098) max.
5 (0.197) ref.
Foot print recommendation:
> R3 (R0.118)
glass
The gap between plug and glass can
be either on cathode or anode side



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com