Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJW16206 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # MJW16206
Description  Silicon NPN Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MJW16206 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  MJW16206 Datasheet HTML 1Page - Inchange Semiconductor Company Limited MJW16206 Datasheet HTML 2Page - Inchange Semiconductor Company Limited MJW16206 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Inchange Semiconductor
Product Specification
2
Silicon NPN Power Transistors
MJW16206
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-emitter sustaining voltage
IC=10mA; IB=0
500
V
V(BR)EBO
Emitter-base breakdown voltage
IE=1.0mA; IC=0
8
V
VCEsat-1
Collector-emitter saturation voltage
IC=3A ;IB=0.4A
1.0
V
VCEsat-2
Collector-emitter saturation voltage
IC=6.5A ;IB=1.5A
1.0
V
VBEsat
Base-emitter saturation voltage
IC=6.5A ;IB=1.5A
1.5
V
ICES
Collector cut-off current
VCE=1200V,VBE=0
VCE=850V,VBE=0
250
25
μA
IEBO
Emitter cut-off current
VEB=8V; IC=0
25
μA
hFE-1
DC current gain
IC=1A ; VCE=5V
24
hFE-2
DC current gain
IC=10A ; VCE=5V
5
13
hFE-3
DC current gain
IC=12A ; VCE=5V
3
fT
Transition frequency
IC=0.5A ; VCE=10V;f=1.0MHz
3.0
MHz
COB
Collector outoput capacitance
IE=0; f=100kHz ; VCB=10V
350
pF



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com