Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJW21192 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # MJW21192
Description  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MJW21192 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  MJW21192 Datasheet HTML 1Page - Inchange Semiconductor Company Limited MJW21192 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
MJW21192
ELECTRICAL CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
IC=10mA; IB=0
150
V
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC=4A ;IB=0.4A
B
1.0
V
VCE(sat)-2
Collector-Emitter Saturation Voltage
IC=8A ;IB=1.6A
B
2.0
V
VBE(on)
Base-Emitter On Voltage
IC=4A ; VCE=2V
2
V
ICEs
Collector Cutoff Current
VCE=250V; IE=0
10
μA
IEBO
Emitter Cutoff Current
VEB=5V; IC=0
10
μA
hFE-1
DC Current Gain
IC=4A; VCE=2V
15
100
hFE-2
DC Current Gain
IC=8A; VCE=2V
5
fT
Current Gain-Bandwidth Product
IC=1A ;VCE=10V; ftest=1MHz
4
MHz
isc Website:www.iscsemi.cn
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com