Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMD11K80 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # PMD11K80
Description  isc Silicon PNP Darlingtion Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

PMD11K80 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  PMD11K80 Datasheet HTML 1Page - Inchange Semiconductor Company Limited PMD11K80 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon PNP Darlingtion Power Transistor
PMD11K80
DESCRIPTION
·High DC current gain
·Collector-Emitter Sustaining Voltage-
VCEO(SUS)= -80V(Min)
·Complement to type PMD10K80
APPLICATIONS
·Designed for general purpose amplifier and low frequency
switching applications
ABSOLUTE MAXIMUM RATINGS(TC=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
-80
V
VCEO
Collector-Emitter Voltage
-80
V
VEBO
Emitter-Base Voltage
-5.0
V
IC
Collector Current -Continuous
-12
A
ICP
Collector Current-Peak
-20
A
IB
B
Base Current
-0.2
A
PC
Collector Power Dissipation@TC=25℃
150
W
Tj
Junction Temperature
150
℃
Tstg
Storage Temperature
-65~200
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
ThermalResistance, Junction to Case
1.17
℃/W
isc Website:www.iscsemi.cn


Similar Part No. - PMD11K80

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
PMD11K80 CENTRAL-PMD11K80 Datasheet
151Kb / 1P
SILICON POWER DARLING TRANSISTORSl
PMD11K80 CENTRAL-PMD11K80 Datasheet
54Kb / 1P
Power Transistors
PMD11K80 CENTRAL-PMD11K80 Datasheet
151Kb / 1P
Silicon Power Darlington Transistors
More results

Similar Description - PMD11K80

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
MJ2501 ISC-MJ2501 Datasheet
72Kb / 2P
isc Silicon PNP Darlingtion Power Transistor
MJ2500 ISC-MJ2500 Datasheet
74Kb / 2P
isc Silicon PNP Darlingtion Power Transistor
MJ4030 ISC-MJ4030 Datasheet
215Kb / 2P
isc Silicon PNP Darlingtion Power Transistor
MJ4031 ISC-MJ4031 Datasheet
215Kb / 2P
isc Silicon PNP Darlingtion Power Transistor
MJ4032 ISC-MJ4032 Datasheet
215Kb / 2P
isc Silicon PNP Darlingtion Power Transistor
PMD11K100 ISC-PMD11K100 Datasheet
215Kb / 2P
isc Silicon PNP Darlingtion Power Transistor
PMD13K100 ISC-PMD13K100 Datasheet
214Kb / 2P
isc Silicon PNP Darlingtion Power Transistor
PMD17K80 ISC-PMD17K80 Datasheet
215Kb / 2P
isc Silicon PNP Darlingtion Power Transistor
2N6050 ISC-2N6050 Datasheet
257Kb / 2P
isc Silicon PNP Darlingtion Power Transistor
2N6648 ISC-2N6648 Datasheet
285Kb / 2P
isc Silicon PNP Darlingtion Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com