Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS70W Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # BAS70W
Description  Silicon Schottky Diode (General-purpose diodes for high-speed switching Circuit protection Voltage clamping)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BAS70W Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  BAS70W Datasheet HTML 1Page - Siemens Semiconductor Group BAS70W Datasheet HTML 2Page - Siemens Semiconductor Group BAS70W Datasheet HTML 3Page - Siemens Semiconductor Group BAS70W Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Semiconductor Group
2
BAS 70W
Electrical Characteristics
at
T
A = 25 °C, unless otherwise specified.
Parameter
Symbol
Value
Unit
min.
typ.
max.
DC Characteristics
Breakdown voltage
I
(BR) =10 µA
V
(BR)
70
–
–
V
Forward voltage
I
F =1mA
I
F =10mA
I
F =15mA
V
F
300
600
750
375
705
880
410
750
1000
mV
Reverse current
V
R =50V
V
R =70V
I
R
–
–
–
–
0.1
10
µA
Diode capacitance
V
R =0V, f = 1 MHz
C
T
–
1.5
2
pF
Charge carrier life time
I
F =25mA
τ
–
–
100
ps
Differential forward resistance
I
F =10mA, f =10kHz
r
f
–34
–
Ω
Series inductance
L
S
–2–nH



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com