Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK405-070 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # STK405-070
Description  2ch AF Power Amplifier
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

STK405-070 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  STK405-070 Datasheet HTML 1Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Thick Film Hybrid IC
INCHANGE
STK405-070
2ch AF Power Amplifier(Split Power Supply)
Features
Package Dimensions
﹒Class B amplifiers
unit:mm
﹒Low supply switching shock nosies
﹒Pin assignment grouped into individual blocks
of inputs ,outputs and supply lines to minimize
the adverse effects of pattern layout on
operating characteristics
﹒Standby operation possible using external circuit
Specifications
Maximum Ratings at Ta=25℃
Parameter
Symbol
Conditions
Ratings
UNIT
Maximum supply voltage
VCC max
±39
V
Thermal resistance
θj-c
Per power transistor
3.4
℃/W
Junction temperature
Tj
150
℃
Operating substrate temperature
Tc
125
℃
Storage temperature
Tstg
-30 to+125
℃
Available time for load short-circuit
ts
VCC=±18.5V,RL=6Ω,f=50Hz,PO=20W
1
s
Operating characteristics at Ta=25℃, RL=6Ω,Rg=600Ω,VG=26dB,
RL:non-inductive load
Parameter
Symbol
Conditions
min
typ
max
unit
Quiescent current
ICCO
VCC=±32.0V no load
13
20
mA
Output power
PO
VCC=±25.0V,THD=10.0%
f=1kHz
40
W
Total harmonic distortion
THD
VCC=±25.0V PO=5.0W, f=1kHz
0.04
0.1
%
Frequency response
fL, fH
+0
PO=1.0W,
dB VCC=±25.0V
-3
20 to
50k
Hz
Input impedance
rj
VCC=±25.0V PO=1.0W,f=1kHz
55
kΩ
Output noise voltage
VNO
VCC=±32.0V,Rg=10 kΩ
1.2
mVrms
Neutral voltage
VN
VCC=±32.0V
-100
0
+100
mV


Similar Part No. - STK405-070

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK405-070 SANYO-STK405-070 Datasheet
151Kb / 6P
2ch AF Power Amplifier (Split Power Supply) 20W 20 W min, THD =10%?????????
STK405-070 SANYO-STK405-070 Datasheet
154Kb / 6P
2ch AF Power Amplifier (Split Power Supply) 30W 30W min, THD =10%??????????
STK405-070 SANYO-STK405-070 Datasheet
152Kb / 6P
2ch AF Power Amplifier (Split Power Supply) 40W 40 W min, THD =10%??????????
STK405-070 SANYO-STK405-070 Datasheet
153Kb / 6P
2ch AF Power Amplifier (Split Power Supply) 50W 50W min, THD =10%??????????
STK405-070 SANYO-STK405-070 Datasheet
87Kb / 4P
2ch AF Power Amplifier (Split Power Supply) 60W 60W min, THD =10%????????????
More results

Similar Description - STK405-070

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK401-290 SANYO-STK401-290 Datasheet
188Kb / 7P
2ch AF Power Amplifier (Split Power Supply) 50W 50 W, THD = 0.08%??????????
STK401-330 SANYO-STK401-330 Datasheet
172Kb / 6P
2ch AF Power Amplifier (Split Power Supply) 100W 100 W, THD = 0.08%??????????
STK405-050 SANYO-STK405-050 Datasheet
154Kb / 6P
2ch AF Power Amplifier (Split Power Supply) 30W 30W min, THD =10%??????????
STK405-100 SANYO-STK405-100 Datasheet
87Kb / 4P
2ch AF Power Amplifier (Split Power Supply) 60W 60W min, THD =10%????????????
STK405-120 SANYO-STK405-120 Datasheet
151Kb / 6P
2ch AF Power Amplifier (Split Power Supply) 80W 80W min, THD =10%????????????
STK4132II SANYO-STK4132II Datasheet
330Kb / 8P
2ch AF Power Amplifier (Split Power Supply) 20W 20 W, THD =1%??????????
STK4241II SANYO-STK4241II Datasheet
284Kb / 7P
2ch AF Power Amplifier (Split Power Supply) (120W 120W min, THD = 0.4%)?
logo
Inchange Semiconductor ...
STK405-030 ISC-STK405-030 Datasheet
116Kb / 1P
2ch AF Power Amplifier
STK405-050 ISC-STK405-050 Datasheet
116Kb / 1P
2ch AF Power Amplifier
STK4132 ISC-STK4132 Datasheet
117Kb / 1P
2ch AF Power Amplifier
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com