Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK4132 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # STK4132
Description  2ch AF Power Amplifier
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

STK4132 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  STK4132 Datasheet HTML 1Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Thick Film Hybrid IC
INCHANGE
STK4132Ⅱ
2ch AF Power Amplifier (Split Power Supply)
Features
Package Dimensions
﹒Pin compatible with the STK4102Ⅱand
unit:mm
STK4101V series (high-grade type) over the
output range 6 to 50W for easy interchangability
﹒Built-in muting circuit to cut off spurious shock noise
﹒125℃ guaranteed high temperature operation allows
greatly reduced heat sink size
﹒Excellent low-cost performance
Specifications
Maximum Ratings at Ta=25℃
Parameter
Symbol
Conditions
Ratings
UNIT
Maximum supply voltage
VCC max
±34.5
V
Thermal resistance
θj-c
3.0
℃/W
Junction temperature
Tj
150
℃
Operating substrate temperature
Tc
125
℃
Storage temperature
Tstg
-30 to+125
℃
Available time for load short-circuit
ts
VCC=±23V,RL=8Ω,f=50Hz,PO=20W
2
s
Recommended operating conditions at Ta=25℃
Parameter
Symbol
Conditions
Ratings
UNIT
Supply voltage
VCC
±23
V
Load impedance
RL
8
Ω
Operating characteristics at Ta=25℃,V
CC=±23V,RL=8Ω,Rg=600Ω,VG=40dB,
RL:non-inductive load
Parameter
Symbol
Conditions
min
typ
max
unit
Quiescent current
ICCO
VCC=±28V
20
40
100
mA
PO (1)
THD=0.4%
f=20Hz to 20kHz
20
W
Output power
PO (2)
VCC=±20V,THD=1.0%
RL=4Ω,f=1kHz
20
W
Total harmonic distortion
THD
PO=1.0W,f=1kHz
0.3
%
Frequency response
fL, fH
+0
PO=1.0W,
dB
-3
20 to
50k
Hz
Input impedance
rj
PO=1.0W,f=1kHz
55
kΩ
Output noise voltage
VNO
VCC=±28V,Rg=10 kΩ
1.2
mVrms
Neutral voltage
VN
VCC=±50.5V
-70
0
+70
mV
Muting voltage
VM
-2
-5
-10
V


Similar Part No. - STK4132

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK4132 SANYO-STK4132 Datasheet
330Kb / 8P
2ch AF Power Amplifier (Split Power Supply) 20W 20 W, THD =1%??????????
STK4132II SANYO-STK4132II Datasheet
330Kb / 8P
2ch AF Power Amplifier (Split Power Supply) 20W 20 W, THD =1%??????????
logo
List of Unclassifed Man...
STK4132II ETC1-STK4132II Datasheet
1Mb / 19P
Features of the IMST Hybird ICs
STK4132V ETC1-STK4132V Datasheet
1Mb / 19P
Features of the IMST Hybird ICs
More results

Similar Description - STK4132

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK401-290 SANYO-STK401-290 Datasheet
188Kb / 7P
2ch AF Power Amplifier (Split Power Supply) 50W 50 W, THD = 0.08%??????????
STK401-330 SANYO-STK401-330 Datasheet
172Kb / 6P
2ch AF Power Amplifier (Split Power Supply) 100W 100 W, THD = 0.08%??????????
STK405-050 SANYO-STK405-050 Datasheet
154Kb / 6P
2ch AF Power Amplifier (Split Power Supply) 30W 30W min, THD =10%??????????
STK405-100 SANYO-STK405-100 Datasheet
87Kb / 4P
2ch AF Power Amplifier (Split Power Supply) 60W 60W min, THD =10%????????????
STK405-120 SANYO-STK405-120 Datasheet
151Kb / 6P
2ch AF Power Amplifier (Split Power Supply) 80W 80W min, THD =10%????????????
STK4132II SANYO-STK4132II Datasheet
330Kb / 8P
2ch AF Power Amplifier (Split Power Supply) 20W 20 W, THD =1%??????????
STK4241II SANYO-STK4241II Datasheet
284Kb / 7P
2ch AF Power Amplifier (Split Power Supply) (120W 120W min, THD = 0.4%)?
logo
Inchange Semiconductor ...
STK405-030 ISC-STK405-030 Datasheet
116Kb / 1P
2ch AF Power Amplifier
STK405-050 ISC-STK405-050 Datasheet
116Kb / 1P
2ch AF Power Amplifier
STK405-070 ISC-STK405-070 Datasheet
116Kb / 1P
2ch AF Power Amplifier
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com