Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK4142 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # STK4142
Description  AF Power Amplifier
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

STK4142 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  STK4142 Datasheet HTML 1Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Thick Film Hybrid IC
INCHANGE
STK4142Ⅱ
AF Power Amplifier (Split Power Supply)
Features
Package Dimensions
﹒the STK4142Ⅱ series and STK4101V series
unit:mm
(high-grade type) are pin-campatible in the out-
put range of 6 to 50W and enable easy design
﹒Built-in muting circuit to cut off various kinds
of pop noise
﹒Greatly reduced heat sink due to substrate
temperature125℃ guaranteed
﹒Excellent cost performance
Specifications
Maximum Ratings at Ta=25℃
Parameter
Symbol
Conditions
Ratings
UNIT
Maximum supply voltage
VCC max
±39
V
Thermal resistance
θj-c
2.6
℃/W
Junction temperature
Tj
150
Operating substrate temperature
Tc
125
Storage temperature
Tstg
-30 to+125
Available time for load short-circuit
ts
VCC=±26V,RL=8Ω,f=50Hz,PO=25W
2
s
Recommended operating conditions at Ta=25℃
Parameter
Symbol
Conditions
Ratings
UNIT
Recommended supply voltage
VCC
±26
V
Load resistance
RL
8
Ω
Operating characteristics at Ta=25℃,V
CC=±26V,RL=8Ω,Rg=600Ω,VG=40dB,
RL:non-inductive load
Parameter
Symbol
Conditions
min
typ
max
unit
Quiescent current
ICCO
VCC=±31V
20
40
100
mA
PO (1)
THD=0.4%
f=20Hz to 20kHz
25
W
Output power
PO (2)
VCC=±22V,THD=1.0%
RL=4Ω,f=1kHz
25
W
Total harmonic distortion
THD
PO=1.0W,f=1kHz
0.3
%
Frequency response
fL, fH
+0
PO=1.0W,
dB
-3
20 to
50k
Hz
Input impedance
rj
PO=1.0W,f=1kHz
55
Output noise voltage
VNO
VCC=±31V,Rg=10 kΩ
1.2
mVrms
Neutral voltage
VN
VCC=±31V
-70
0
+70
mV
Muting voltage
VM
-2
-5
-10
V


Similar Part No. - STK4142

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK4142 SANYO-STK4142 Datasheet
458Kb / 8P
AF Power Amplifier (Split Power Supply)
STK4142II SANYO-STK4142II Datasheet
458Kb / 8P
AF Power Amplifier (Split Power Supply)
logo
List of Unclassifed Man...
STK4142II ETC1-STK4142II Datasheet
1Mb / 19P
Features of the IMST Hybird ICs
STK4142V ETC1-STK4142V Datasheet
1Mb / 19P
Features of the IMST Hybird ICs
More results

Similar Description - STK4142

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4510 SANYO-LA4510 Datasheet
258Kb / 8P
240MW AF Power Amplifier
STK4392 SANYO-STK4392 Datasheet
67Kb / 2P
AF Power Amplifier
logo
NEC
UPC1242H NEC-UPC1242H Datasheet
368Kb / 7P
7W AF POWER AMPLIFIER
logo
Guangdong Kexin Industr...
2SB1266 KEXIN-2SB1266 Datasheet
40Kb / 1P
AF Power Amplifier Applications
logo
Inchange Semiconductor ...
STK405-070 ISC-STK405-070 Datasheet
116Kb / 1P
2ch AF Power Amplifier
STK4122 ISC-STK4122 Datasheet
122Kb / 1P
AF Power Amplifier
STK4132 ISC-STK4132 Datasheet
117Kb / 1P
2ch AF Power Amplifier
STK4152 ISC-STK4152 Datasheet
123Kb / 1P
AF Power Amplifier
STK4162 ISC-STK4162 Datasheet
122Kb / 1P
AF Power Amplifier
STK4172 ISC-STK4172 Datasheet
122Kb / 1P
AF Power Amplifier
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com