Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP30 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # TIP30
Description  Silicon PNP Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

TIP30 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  TIP30 Datasheet HTML 1Page - Inchange Semiconductor Company Limited TIP30 Datasheet HTML 2Page - Inchange Semiconductor Company Limited TIP30 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Inchange Semiconductor
Product Specification
2
Silicon PNP Power Transistors
TIP30/30A/30B/30C
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
TIP30
-40
TIP30A
-60
TIP30B
-80
VCEO(SUS)
Collector-emitter
sustaining voltage
TIP30C
IC=-30mA; IB=0
-100
V
VCEsat
Collector-emitter saturation voltage
IC=-1A ;IB=-0.125A
-0.7
V
VBE
Base-emitter on voltage
IC=-1A ; VCE=-4V
-1.3
V
TIP30
VCE=-40V; VEB=0
TIP30A
VCE=-60V; VEB=0
TIP30B
VCE=-80V; VEB=0
ICES
Collector
cut-off current
TIP30C
VCE=-100V; VEB=0
-0.2
mA
TIP30/30A
VCE=-30V; IB=0
ICEO
Collector
cut-off current
TIP30B/30C
VCE=-60V; IB=0
-0.3
mA
IEBO
Emitter cut-off current
VEB=-5V; IC=0
-1.0
mA
hFE-1
DC current gain
IC=-0.2A ; VCE=-4V
40
hFE-2
DC current gain
IC=-1A ; VCE=-4V
15
75
fT
Transiton frequency
IC=-0.2A ; VCE=-10V;f=1MHz
3
MHz
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-c
Thermal resistance junction to case
4.167
℃/W



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com