Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP32 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # TIP32
Description  Silicon PNP Power Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

TIP32 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  TIP32 Datasheet HTML 1Page - Inchange Semiconductor Company Limited TIP32 Datasheet HTML 2Page - Inchange Semiconductor Company Limited TIP32 Datasheet HTML 3Page - Inchange Semiconductor Company Limited TIP32 Datasheet HTML 4Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Inchange Semiconductor
Product Specification
2
Silicon PNP Power Transistors
TIP32/32A/32B/32C
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
TIP32
-40
TIP32A
-60
TIP32B
-80
VCEO(SUS)
Collector-emitter
sustaining voltage
TIP32C
IC=-30mA; IB=0
-100
V
VCEsat
Collector-emitter saturation voltage
IC=-3A ;IB=-0.375A
-1.2
V
VBE
Base-emitter on voltage
IC=-3A ; VCE=-4V
-1.8
V
TIP32
VCE=-40V; VEB=0
TIP32A
VCE=-60V; VEB=0
TIP32B
VCE=-80V; VEB=0
ICES
Collector
cut-off current
TIP32C
VCE=-100V; VEB=0
-0.2
mA
TIP32/32A
VCE=-30V; IB=0
ICEO
Collector
cut-off current
TIP32B/32C
VCE=-60V; IB=0
-0.3
mA
IEBO
Emitter cut-off current
VEB=-5V; IC=0
-1.0
mA
hFE-1
DC current gain
IC=-1A ; VCE=-4V
25
hFE-2
DC current gain
IC=-3A ; VCE=-4V
10
50
fT
Transiton frequency
IC=-0.5A ; VCE=-10V
3
MHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com