Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP36 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # TIP36
Description  Silicon PNP Power Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

TIP36 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  TIP36 Datasheet HTML 1Page - Inchange Semiconductor Company Limited TIP36 Datasheet HTML 2Page - Inchange Semiconductor Company Limited TIP36 Datasheet HTML 3Page - Inchange Semiconductor Company Limited TIP36 Datasheet HTML 4Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Inchange Semiconductor
Product Specification
2
Silicon PNP Power Transistors
TIP36/36A/36B/36C
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
TIP36
-40
TIP36A
-60
TIP36B
-80
VCEO(SUS)
Collector-emitter
sustaining voltage
TIP36C
IC=-30mA ;IB=0
-100
V
VCEsat-1
Collector-emitter saturation voltage
IC=-15A ;IB=-1.5A
-1.8
V
VCEsat-2
Collector-emitter saturation voltage
IC=-25A; IB=-5A
-4.0
V
VBE-1
Base-emitter on voltage
IC=-15A ; VCE=-4V
-2.0
V
VBE-2
Base-emitter on voltage
IC=-25A ; VCE=-4V
-4.0
V
TIP36/36A
VCE=-30V; IB=0
ICEO
Collector
cut-off current
TIP36B/36C
VCE=-60V; IB=0
-1.0
mA
TIP36
VCE=-40V;VEB=0
TIP36A
VCE=-60V;VEB=0
TIP36B
VCE=-80V;VEB=0
ICES
Collector
cut-off current
TIP36C
VCE=-100V;VEB=0
-0.7
mA
IEBO
Emitter cut-off current
VEB=-5V; IC=0
-1.0
mA
hFE-1
DC current gain
IC=-1.5A ; VCE=-4V
25
hFE-2
DC current gain
IC=-15A ; VCE=-4V
15
75
fT
Transition frequency
IC=-1A ; VCE=-10V
3
MHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com