Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP51 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # TIP51
Description  isc Silicon NPN Power Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

TIP51 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  TIP51 Datasheet HTML 1Page - Inchange Semiconductor Company Limited TIP51 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistors
TIP51
DESCRIPTION
·DC Current Gain -hFE = 30~150@ IC= 0.3A
·Collector-Emitter Sustaining Voltage-
: VCEO(SUS) = 250V(Min)
APPLICATIONS
·Designed for line operated audio output amplifier,and switching
power supply drivers applications.
ABSOLUTE MAXIMUM RATINGS(T =25℃
a
)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
350
V
VCEO
Collector-Emitter Voltage
250
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current-Continuous
3.0
A
ICM
Collector Current-Peak
5.0
A
IB
B
Base Current
0.6
A
PD
Collector Power Dissipation
TC=25℃
100
W
Tj
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-65~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
1.25
℃/W
isc Website:www.iscsemi.cn


Similar Part No. - TIP51

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP51 MOSPEC-TIP51 Datasheet
127Kb / 3P
High-Voltage NPN Silicon Power Transistor
logo
Inchange Semiconductor ...
TIP513 ISC-TIP513 Datasheet
144Kb / 2P
isc Silicon PNP Power Transistor
logo
Savantic, Inc.
TIP514 SAVANTIC-TIP514 Datasheet
120Kb / 3P
Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
TIP514 ISC-TIP514 Datasheet
298Kb / 2P
isc Silicon PNP Power Transistor
logo
New Jersey Semi-Conduct...
TIP514 NJSEMI-TIP514 Datasheet
68Kb / 2P
Silicon PNP Power Transistor
More results

Similar Description - TIP51

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BDT31 ISC-BDT31 Datasheet
116Kb / 2P
isc Silicon NPN Power Transistors
MJ13070 ISC-MJ13070 Datasheet
143Kb / 2P
isc Silicon NPN Power Transistors
MJ13080 ISC-MJ13080 Datasheet
143Kb / 2P
isc Silicon NPN Power Transistors
MJE5180 ISC-MJE5180 Datasheet
114Kb / 2P
isc Silicon NPN Power Transistors
BUW132 ISC-BUW132 Datasheet
110Kb / 2P
isc Silicon NPN Power Transistors
D44TD3 ISC-D44TD3 Datasheet
107Kb / 2P
isc Silicon NPN Power Transistors
TIP48 ISC-TIP48 Datasheet
103Kb / 2P
isc Silicon NPN Power Transistors
TIP29B ISC-TIP29B Datasheet
82Kb / 2P
isc Silicon NPN Power Transistors
2SC4051 ISC-2SC4051 Datasheet
108Kb / 2P
isc Silicon NPN Power Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com