Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP115 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # TIP115
Description  Silicon PNP Darlington Power Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

TIP115 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  TIP115 Datasheet HTML 1Page - Inchange Semiconductor Company Limited TIP115 Datasheet HTML 2Page - Inchange Semiconductor Company Limited TIP115 Datasheet HTML 3Page - Inchange Semiconductor Company Limited TIP115 Datasheet HTML 4Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Inchange Semiconductor
Product Specification
2
Silicon PNP Darlington Power Transistors
TIP115/116/117
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
TIP115
-60
TIP116
-80
VCEO(SUS)
Collector-emitter
sustaining voltage
TIP117
IC=-30mA, IB=0
-100
V
VCEsat
Collector-emitter saturation voltage
IC=-2A ,IB=-8mA
-2.5
V
VBE
Base-emitter on voltage
IC=-2A ; VCE=-4V
-2.8
V
TIP115
VCB=-60V, IE=0
TIP116
VCB=-80V, IE=0
ICBO
Collector
cut-off current
TIP117
VCB=-100V, IE=0
-1
mA
TIP115
VCE=-30V, IB=0
TIP116
VCE=-40V, IB=0
ICEO
Collector
cut-off current
TIP117
VCE=-50V, IB=0
-2
mA
IEBO
Emitter cut-off current
VEB=-5V; IC=0
-2
mA
hFE-1
DC current gain
IC=-1A ; VCE=-4V
1000
hFE-2
DC current gain
IC=-2A ; VCE=-4V
500
Cob
Output capacitance
IE=0 ; VCB=-10V,f=0.1MHz
200
pF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com