Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP151 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # TIP151
Description  Silicon NPN Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

TIP151 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  TIP151 Datasheet HTML 1Page - Inchange Semiconductor Company Limited TIP151 Datasheet HTML 2Page - Inchange Semiconductor Company Limited TIP151 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Inchange Semiconductor
Product Specification
2
Silicon NPN Power Transistors
TIP150/151/152
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
TIP150
300
TIP151
350
V(BR)CEO
Collector-emitter
breakdown voltage
TIP152
IC=10mA, IB=0
400
V
TIP150
300
TIP151
350
V(BR)CBO
Collector-base
breakdown voltage
TIP152
IC=1mA, IE=0
400
V
VCEsat-1
Collector-emitter saturation voltage
IC=1A ,IB=10mA
1.5
V
VCEsat-2
Collector-emitter saturation voltage
IC=2A ,IB=100mA
1.5
V
VCEsat-3
Collector-emitter saturation voltage
IC=5A ,IB=250mA
2.0
V
VBE sat-1
Base-emitter saturation voltage
IC=2A ,IB=100mA
2.2
V
VBE sat-2
Base-emitter saturation voltage
IC=5A ,IB=250mA
2.3
V
TIP150
VCE=300V, IB=0
TIP151
VCE=350V, IB=0
ICEO
Collector cut-off current
TIP152
VCE=400V, IB=0
250
μA
IEBO
Emitter cut-off current
VEB=8V; IC=0
15
mA
hFE-1
DC current gain
IC=2.5A ; VCE=5V
150
hFE-2
DC current gain
IC=5A ; VCE=5V
50
hFE-3
DC current gain
IC=7A ; VCE=5V
15
VF
Diode forward voltage
IF=7A
3.5
V
COB
Output capacitance
IE=0 ; VCB=10V;f=1MHz
150
pF
Switching times
td
Delay time
0.03
μs
tr
Rise time
0.18
μs
ts
Storage time
3.5
μs
tf
Fall time
VCC=250V; IC=5A
IB1=-IB2=250mA
tp=20μs;Duty Cycle≤2.0%
1.6
μs



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com