Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP162 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # TIP162
Description  Silicon NPN Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

TIP162 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  TIP162 Datasheet HTML 1Page - Inchange Semiconductor Company Limited TIP162 Datasheet HTML 2Page - Inchange Semiconductor Company Limited TIP162 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Inchange Semiconductor
Product Specification
2
Silicon NPN Power Transistors
TIP160/161/162
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
TIP160
320
TIP161
350
V(BR)CEO
Collector-emitter
breakdown voltage
TIP162
IC=10mA, IB=0
380
V
VCEsat-1
Collector-emitter saturation voltage
IC=6.5A ,IB=0.1A
2.8
V
VCEsat-2
Collector-emitter saturation voltage
IC=10A ,IB=1A
2.9
V
VBEsat
Base-emitter saturation voltage
IC=6.5A ,IB=0.1A
2.2
V
VF
Diode forward voltage
IF=10A
3.5
V
TIP160
VCE=320V, IB=0
TIP161
VCE=350V, IB=0
ICEO
Collector
cut-off current
TIP162
VCE=380V, IB=0
1.0
mA
IEBO
Emitter cut-off current
VEB=5V; IC=0
100
mA
hFE
DC current gain
IC=4A ; VCE=2.2V
200
Switching times
td
Delay time
0.3
μs
tr
Rise time
1.5
μs
ts
Storage time
2.3
μs
tf
Fall time
VCC =33 V, IC = 6.5 A,
IB1 =-IB2 =100 mA
tp=20μs ;Duty Cycle≤2.0%
2.8
μs



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com