Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRF20100CT Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MBRF20100CT
Description  Dual Common-Cathode High-Voltage Schottky Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBRF20100CT Datasheet(HTML) 2 Page - Vishay Siliconix

  MBRF20100CT Datasheet HTML 1Page - Vishay Siliconix MBRF20100CT Datasheet HTML 2Page - Vishay Siliconix MBRF20100CT Datasheet HTML 3Page - Vishay Siliconix MBRF20100CT Datasheet HTML 4Page - Vishay Siliconix MBRF20100CT Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
New Product
MBR(F,B)2090CT & MBR(F,B)20100CT
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 89033
Revision: 24-Jun-09
2
Notes
(1) Pulse test: 300 µs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width
≤ 40 ms
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
ELECTRICAL CHARACTERISTICS (TC = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
VALUE
UNIT
Maximum instantaneous forward voltage per diode (1)
IF = 10 A
IF = 10 A
IF = 20 A
TC = 25 °C
TC = 125 °C
TC = 125 °C
VF
0.80
0.65
0.75
V
Maximum reverse current per diode at working peak
reverse voltage (2)
TJ = 25 °C
TJ = 100 °C
IR
100
6.0
µA
mA
THERMAL CHARACTERISTICS (TC = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
MBR
MBRF
MBRB
UNIT
Typical thermal resistance per diode
RθJA
RθJC
60
2.0
-
3.5
60
2.0
°C/W
ORDERING INFORMATION (Example)
PACKAGE
PREFERRED P/N
UNIT WEIGHT (g)
PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
TO-220AB
MBR20100CT-E3/4W
1.88
4W
50/tube
Tube
ITO-220AB
MBRF20100CT-E3/4W
1.75
4W
50/tube
Tube
TO-263AB
MBRB20100CT-E3/4W
1.38
4W
50/tube
Tube
TO-263AB
MBRB20100CT-E3/8W
1.38
8W
800/reel
Tape and reel
Figure 1. Forward Current Derating Curve
0
4
8
12
20
0
50
100
150
16
Case Temperature (°C)
Resistive or Inductive Load
MBRF
MBR &
MBRB
Figure 2. Maximum Non-Repetitive Peak Forward Surge
Current Per Diode
40
60
100
80
140
120
160
1
100
10
T
J = TJ Max.
8.3 ms Single Half Sine-Wave
Number of Cycles at 60 Hz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com