Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRF2535CT Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MBRF2535CT
Description  Dual Common-Cathode Schottky Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBRF2535CT Datasheet(HTML) 2 Page - Vishay Siliconix

  MBRF2535CT Datasheet HTML 1Page - Vishay Siliconix MBRF2535CT Datasheet HTML 2Page - Vishay Siliconix MBRF2535CT Datasheet HTML 3Page - Vishay Siliconix MBRF2535CT Datasheet HTML 4Page - Vishay Siliconix MBRF2535CT Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 88675
2
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 15-Jun-10
MBR(F,B)2535CT thru MBR(F,B)2560CT
Vishay General Semiconductor
Note
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
Note
(1) AEC-Q101 qualified
Operating junction temperature range
TJ
- 65 to + 150
°C
Storage temperature range
TSTG
- 65 to + 175
Isolation voltage (ITO-220AB only)
from terminal to heatsink t = 1 min
VAC
1500
V
ELECTRICAL CHARACTERISTICS (TC = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
MBR2535CT MBR2545CT MBR2550CT MBR2560CT
UNIT
Maximum instantaneous
forward voltage per diode
IF = 15 A
TC = 25 °C
VF (1)
-0.75
V
TC = 125 °C
-
0.65
IF = 30 A
TC = 25 °C
0.82
-
TC = 125 °C
0.73
-
Maximum instantaneous
reverse current at blocking
voltage per diode
TC = 25 °C
IR (1)
0.2
1.0
mA
TC = 125 °C
40
50
THERMAL CHARACTERISTICS (TC = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
MBR
MBRF
MBRB
UNIT
Typical thermal resistance from junction to case per diode
RθJC
1.5
4.5
1.5
°C/W
ORDERING INFORMATION (Example)
PACKAGE
PREFERRED P/N
UNIT WEIGHT (g)
PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
TO-220AB
MBR2545CT-E3/45
1.85
45
50/tube
Tube
ITO-220AB
MBRF2545CT-E3/45
1.99
45
50/tube
Tube
TO-263AB
MBRB2545CT-E3/45
1.35
45
50/tube
Tube
TO-263AB
MBRB2545CT-E3/81
1.35
81
800/reel
Tape and reel
TO-220AB
MBR2545CT-E3/4W
1.85
4W
50/tube
Tube
TO-220AB
MBR2545CTHE3/45 (1)
1.85
45
50/tube
Tube
ITO-220AB
MBRF2545CTHE3/45 (1)
1.99
45
50/tube
Tube
TO-263AB
MBRB2545CTHE3/45 (1)
1.35
45
50/tube
Tube
TO-263AB
MBRB2545CTHE3/81 (1)
1.35
81
800/reel
Tape and reel
MAXIMUM RATINGS (TC = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
MBR2535CT MBR2545CT MBR2550CT MBR2560CT
UNIT



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com