Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRF1090CT Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MBRF1090CT
Description  Dual Common-Cathode High-Voltage Schottky Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBRF1090CT Datasheet(HTML) 1 Page - Vishay Siliconix

  MBRF1090CT Datasheet HTML 1Page - Vishay Siliconix MBRF1090CT Datasheet HTML 2Page - Vishay Siliconix MBRF1090CT Datasheet HTML 3Page - Vishay Siliconix MBRF1090CT Datasheet HTML 4Page - Vishay Siliconix MBRF1090CT Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Document Number: 89321
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 22-Sep-10
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
1
Dual Common-Cathode High-Voltage Schottky Rectifier
MBRF1090CT, MBRF10100CT
Vishay General Semiconductor
New Product
FEATURES
• Trench MOS Schottky technology
• Low power losses, high efficiency
• Low forward voltage drop
• High forward surge capabilty
• High frequency operation
• Solder bath temperature 275 °C max. 10 s, per
JESD 22-B106
• Compliant
to
RoHS
directive
2002/95/EC
and
in
accordance to WEEE 2002/96/EC
• Halogen-free according to IEC 61249-2-21 definition
TYPICAL APPLICATIONS
For use in high frequency rectifier of switching mode power
supplies, freewheeling diodes, DC/DC converters or polarity
protection application.
MECHANICAL DATA
Case: ITO-220AB
Molding compound meets UL 94 V-0 flammability rating
Base P/N-M3 - halogen-free, RoHS compliant, and
commercial grade
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
M3 suffix meets JESD 201 class 1A whisker test
Polarity: As marked
Mounting Torque: 10 in-lbs maximum
PRIMARY CHARACTERISTICS
IF(AV)
2 x 5.0 A
VRRM
90 V, 100 V
IFSM
120 A
VF at IF = 5.0 A
0.75 V
TJ max.
150 °C
PIN 1
PIN 2
PIN 3
TMBS
®
ITO-220AB
1
2
3
MBRF1090CT
MBRF10100CT
MAXIMUM RATINGS (TC = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
MBRF1090CT
MBRF10100CT
UNIT
Maximum repetitive peak reverse voltage
VRRM
90
100
V
Working peak reverse voltage
VRWM
90
100
V
Maximum DC blocking voltage
VDC
90
100
V
Maximum average forward rectified current
at TC = 105 °C
total device
IF(AV)
10
A
per diode
5.0
Peak forward surge current 8.3 ms single half sine-wave
superimposed on rated load
IFSM
120
A
Voltage rating of change (rated VR)
dV/dt
10 000
V/μs
Operating junction and storage temperature range
TJ, TSTG
- 65 to + 150
°C
Isolation voltage from termal to heatsink t = 1 min
VAC
1500
V


Similar Part No. - MBRF1090CT

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
MBRF1090CT GOOD-ARK-MBRF1090CT Datasheet
191Kb / 2P
Dual High-Voltage Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
MBRF1090CT TSC-MBRF1090CT Datasheet
164Kb / 2P
Isolated 10.0 AMPS. Schottky Barrier Rectifiers
logo
Vishay Siliconix
MBRF1090CT VISHAY-MBRF1090CT Datasheet
381Kb / 4P
Dual Common-Cathode High-Voltage Schottky Rectifier
08-Nov-07
logo
Taiwan Semiconductor Co...
MBRF1090CT TSC-MBRF1090CT Datasheet
187Kb / 2P
10.0 AMPS. Isolated Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
MBRF1090CT LUGUANG-MBRF1090CT Datasheet
327Kb / 2P
Isolated 10.0 AMPS. Schottky Barrier Rectifiers
More results

Similar Description - MBRF1090CT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBR60100CT VISHAY-MBR60100CT_08 Datasheet
99Kb / 4P
Dual Common-Cathode High Voltage Schottky Rectifier
19-May-08
MBR20H150CT VISHAY-MBR20H150CT_11 Datasheet
102Kb / 6P
Dual Common-Cathode High-Voltage Schottky Rectifier
09-Aug-11
logo
Nell Semiconductor Co.,...
MBR10100CT NELLSEMI-MBR10100CT Datasheet
378Kb / 5P
Dual Common Cathode High-Voltage Schottky Rectifier
MBR30100CT NELLSEMI-MBR30100CT Datasheet
198Kb / 4P
Dual Common Cathode High-Voltage Schottky Rectifier,
logo
Bruckewell Technology L...
MBRF1060C BWTECH-MBRF1060C Datasheet
527Kb / 4P
Dual Common-Cathode High-Voltage Schottky Rectifier
logo
Vishay Siliconix
MBR30H90CT VISHAY-MBR30H90CT_15 Datasheet
725Kb / 4P
Dual Common Cathode High Voltage Schottky Rectifier
17-Aug-15
MBR60100CT VISHAY-MBR60100CT_15 Datasheet
82Kb / 5P
Dual Common Cathode High Voltage Schottky Rectifier
13-Aug-13
MBR10H15 VISHAY-MBR10H15_15 Datasheet
95Kb / 5P
Dual Common Cathode High Voltage Schottky Rectifier
11-Dec-14
logo
Bruckewell Technology L...
MBR3040CT BWTECH-MBR3040CT Datasheet
449Kb / 4P
Dual Common-Cathode High-Voltage Schottky Rectifier
logo
Vishay Siliconix
M10HXXCT VISHAY-M10HXXCT Datasheet
153Kb / 5P
Dual Common Cathode High Voltage Schottky Rectifier
18-Mar-16
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com