Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRB4045CTTRLP Datasheet(PDF) 5 Page - Vishay Siliconix

Part # MBRB4045CTTRLP
Description  Schottky Rectifier, 2 x 20 A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBRB4045CTTRLP Datasheet(HTML) 5 Page - Vishay Siliconix

  MBRB4045CTTRLP Datasheet HTML 1Page - Vishay Siliconix MBRB4045CTTRLP Datasheet HTML 2Page - Vishay Siliconix MBRB4045CTTRLP Datasheet HTML 3Page - Vishay Siliconix MBRB4045CTTRLP Datasheet HTML 4Page - Vishay Siliconix MBRB4045CTTRLP Datasheet HTML 5Page - Vishay Siliconix MBRB4045CTTRLP Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Document Number: 94311
For technical questions, contact: diodestech@vishay.com
www.vishay.com
Revision: 16-Mar-10
5
VS-MBRB4045CTPbF, VS-MBR4045CT-1PbF
Schottky Rectifier, 2 x 20 A Vishay High Power Products
ORDERING INFORMATION TABLE
2
-
Essential part number
3
-
4
-
Current rating (40 = 40 A)
5
-
8
-
None = Tube (50 pieces)
TRL = Tape and reel (left oriented - for D2PAK only)
Voltage rating (45 = 45 V)
PbF = Lead (Pb)-free (for TO-262 and D2PAK tube)
7
-
None = D2PAK
-1 = TO-262
B = D2PAK
None = TO-262
7
7
None
= -1
6
-
CT = Essential part number
3
= B
3
None
TRR = Tape and reel (right oriented - for D2PAK only)
9
-
P = Lead (Pb)-free (for D2PAK TRR and TRL)
1
-
HPP product suffix
Device code
5
1
3
24
67
8
9
VS- MBR
B
40
45
CT
-1
TRL PbF
LINKS TO RELATED DOCUMENTS
Dimensions
www.vishay.com/doc?95014
Part marking information
www.vishay.com/doc?95008
Packaging information
www.vishay.com/doc?95032
SPICE model
www.vishay.com/doc?95296



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com