Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFU Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MFU
Description  Thin Film Chip Fuses
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MFU Datasheet(HTML) 2 Page - Vishay Siliconix

  MFU Datasheet HTML 1Page - Vishay Siliconix MFU Datasheet HTML 2Page - Vishay Siliconix MFU Datasheet HTML 3Page - Vishay Siliconix MFU Datasheet HTML 4Page - Vishay Siliconix MFU Datasheet HTML 5Page - Vishay Siliconix MFU Datasheet HTML 6Page - Vishay Siliconix MFU Datasheet HTML 7Page - Vishay Siliconix MFU Datasheet HTML 8Page - Vishay Siliconix MFU Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
www.vishay.com
For technical questions, contact: thinfilm.chipfuse@vishay.com
Document Number: 28747
2
Revision: 06-May-10
MFU Series
Vishay Beyschlag
Thin Film Chip Fuses
Notes
(1)
Products can be ordered using either the PART NUMBER or the PRODUCT DESCRIPTION
(2)
Please refer to table PACKAGING
PART NUMBER AND PRODUCT DESCRIPTION (1)
PART NUMBER: MFU0603FF01000PW00
MODEL/SIZE
FUSE CHARACTERISTIC
RATED CURRENT VALUE
PACKAGING (2)
SPECIAL
MFU0402
MFU0603
MFU0805
MFU1206
FF = Very quick acting
Rated current value in mA
Examples:
0.5 A = 00500
1.0 A = 01000
6.3 A = 06300
E1
E5
E0
P1
P5
PW
Up to 2 digits
00 = Standard
PRODUCT DESCRIPTION: MFU 0603 -FF PW 1A0
MFU
0603
-FF
PW
1A0
MODEL
SIZE
FUSE CHARACTERISTIC
PACKAGING (2)
RATED CURRENT VALUE
MFU
0402
0603
0805
1206
FF = Very quick acting
E1
E5
E0
P1
P5
PW
Rated current value in mA
Examples:
0.5 A = 0A5
1.0 A = 1A0
6.3 A = 6A3
PACKAGING
MODEL
REEL
DIAMETER
PIECES/REEL
CODE
MFU0402
180 mm/7"
1000
E1
180 mm/7"
5000
E5
180 mm/7"
10 000
E0
MFU0603
180 mm/7"
1000
P1
180 mm/7"
5000
P5
330 mm/13"
20 000
PW
MFU0805
180 mm/7"
1000
P1
180 mm/7"
5000
P5
330 mm/13"
20 000
PW
MFU1206
180 mm/7"
1000
P1
180 mm/7"
5000
P5
330 mm/13"
20 000
PW
M
F
U
0
6
0
3
F
F
0
10
0
0
P
W
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com