Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSS1P2U Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MSS1P2U
Description  Ultra Low VF Surface Mount Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MSS1P2U Datasheet(HTML) 2 Page - Vishay Siliconix

  MSS1P2U Datasheet HTML 1Page - Vishay Siliconix MSS1P2U Datasheet HTML 2Page - Vishay Siliconix MSS1P2U Datasheet HTML 3Page - Vishay Siliconix MSS1P2U Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 89095
2
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 19-Apr-11
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
MSS1P2U, MSS1P3U
Vishay General Semiconductor
New Product
Notes
• Reverse power dissipation and the possibility of thermal runaway must be considered when operating this device under any reverse voltage
conditions. Calculations of TJ therefore must include forward and reverse power effects.
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width  40 ms
Note
(1) Free air, mounted on recommended copper pad area. Thermal resistance RJA - junction to ambient, RJM - junction to mount.
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
Fig. 1 - Maximum Forward Current Derating Curve
Fig. 2 - Forward Power Loss Characteristics
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Maximum instantaneous
forward voltage
IF = 0.5 A
TJ = 25 °C
VF (1)
0.23
-
V
IF = 1.0 A
0.30
-
IF = 1.5 A
0.35
0.40
IF = 0.5 A
TJ = 85 °C
0.16
-
IF = 1.0 A
0.24
-
IF = 1.5 A
0.30
0.35
Maximum reverse current
Rated VR
TJ = 25 °C
IR (2)
0.4
1.2
μA
TJ = 125 °C
12
30
mA
Typical junction capacitance
4.0 V, 1 MHz
CJ
68
-
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
MSS1P3U
UNIT
Typical thermal resistance
RJA (1)
170
°C/W
RJM (1)
30
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
MSS1P3U-M3/89A
0.006
89A
4500
7" diameter plastic tape and reel
TM - Mount Temperature (°C)
0
0
0.2
0.4
0.6
0.8
1.0
1.2
25
50
75
100
125
150
Resistive or Inductive Load
T
M Measured
at the Cathode Band Terminal
0.5
0.4
0.3
0.2
0.1
0
0
0.2
0.4
0.6
0.8
1.0
1.2
Average Forward Current (A)
D = 0.1
D = 0.2
D = 0.3
D = 0.5
D = 0.8
D = 1.0
D = t
p/T
t
p
T



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com