Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSS1P3L Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MSS1P3L
Description  Surface Mount Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MSS1P3L Datasheet(HTML) 3 Page - Vishay Siliconix

  MSS1P3L Datasheet HTML 1Page - Vishay Siliconix MSS1P3L Datasheet HTML 2Page - Vishay Siliconix MSS1P3L Datasheet HTML 3Page - Vishay Siliconix MSS1P3L Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Document Number: 89020
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 19-Apr-11
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
3
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
MSS1P2L, MSS1P3L
Vishay General Semiconductor
New Product
Fig. 5 - Typical Junction Capacitance
Fig. 6 - Typical Transient Thermal Impedance
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
1000
100
10
0.1
1
10
100
Reverse Voltage (V)
1000
100
10
1
0.1
0.01
1
10
100
1000
t - Pulse Duration (s)
Junction to Ambient
0.106 (2.70)
0.091 (2.30)
0.055 (1.40)
0.047 (1.20)
Cathode Band
MicroSMP
0.030 (0.75)
0.022 (0.55)
0.030 (0.75)
0.022 (0.55)
0.059 (1.50)
0.043 (1.10)
0.039 (0.98)
0.031 (0.78)
0.091 (2.30)
0.083 (2.10)
0.020 (0.50)
0.043
(1.10)
0.011 (0.27)
0.005 (0.12)
0.079
(2.00)
0.032
(0.80)
0.032
(0.80)
Mounting Pad Layout
0.029 (0.73)
0.025 (0.63)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com