Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MUH1PC Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MUH1PC
Description  Surface Mount Ultrafast Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MUH1PC Datasheet(HTML) 2 Page - Vishay Siliconix

  MUH1PC Datasheet HTML 1Page - Vishay Siliconix MUH1PC Datasheet HTML 2Page - Vishay Siliconix MUH1PC Datasheet HTML 3Page - Vishay Siliconix MUH1PC Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 89124
2
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 19-Apr-11
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
MUH1PB thru MUH1PD
Vishay General Semiconductor
New Product
Notes
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width  40 ms
Note
(1) Free air, mounted on recommended copper pad area. Thermal resistance RJA - from junction to ambient, RJM - and junction to mount
Note
(1) Automotive grade
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
Fig. 1 - Maximum Forward Current Derating Curve
Fig. 2 - Forward Power Loss Characteristics
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Maximum instantaneous
forward voltage
IF = 0.5 A
TA = 25 °C
VF (1)
0.90
-
V
IF = 1.0 A
1.0
1.05
IF = 0.5 A
TA = 125 °C
0.72
-
IF = 1.0 A
0.82
0.90
Maximum reverse current
Rated VR
TA = 25 °C
IR (2)
-1.0
μA
TA = 125 °C
3.0
15
Maximum reverse recovery time
IF = 0.5 A, IR = 1.0 A,
Irr = 0.25 A
TA = 25 °C
trr
19
25
ns
Typical reverse recovery time
IF = 1.0 A, dI/dt = 50 A/μs,
VR = 30 V, Irr = 0.1 IRM
29
40
Typical softness factor (tb/ta)
IF = 1.0 A, dI/dt = 200 A/μs,
VR = 200 V
TA = 125 °C
S0.5
-
Typical reverse recovery current
IRM
3.4
4.6
A
Typical stored charge
Qrr
45
-
nC
Typical junction capacitance
4.0 V, 1 MHz
CJ
10
-
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
MUH1PB
MUH1PC
MUH1PD
UNIT
Typical thermal resistance
RJA (1)
166
°C/W
RJM (1)
40
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
MUH1PD-M3/89A
0.006
89A
4500
7" diameter plastic tape and reel
MUH1PDHM3/89A (1)
0.006
89A
4500
7" diameter plastic tape and reel
0
0.2
0.4
0.6
0.8
1.0
1.2
95
105
115
125
135
145
165
175
155
Mount Temperature (°C)
T
M Measured
at the Cathode Band Terminal
0
0.2
0.4
0.6
0.8
1.0
1.2
0
0.2
0.4
0.8
1.0
1.2
0.6
Average Forward Current (A)
D = t
p/T
t
p
T
D = 1.0
D = 0.8
D = 0.5
D = 0.1
D = 0.2
D = 0.3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com