Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE07PD Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SE07PD
Description  Surface Mount ESD Capability Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SE07PD Datasheet(HTML) 2 Page - Vishay Siliconix

  SE07PD Datasheet HTML 1Page - Vishay Siliconix SE07PD Datasheet HTML 2Page - Vishay Siliconix SE07PD Datasheet HTML 3Page - Vishay Siliconix SE07PD Datasheet HTML 4Page - Vishay Siliconix SE07PD Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 89023
2
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 19-Apr-11
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SE07PB thru SE07PJ
Vishay General Semiconductor
New Product
Notes
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width  40 ms
Note
(1) Thermal resistance from junction to ambient and junction to lead mounted on PCB with 5.0 mm x 5.0 mm copper pad areas. RJL - is
measured at the terminal of cathode band. RJC is measured at the top center of the body.
Notes
(1) Immunity to IEC 61000-4-2 air discharge mode has a typical performance > 30 kV
(2) System ESD standard
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Maximum instantaneous
forward voltage
IF = 0.7 A
TA = 25 °C
VF (1)
0.965
1.05
V
TA = 125 °C
0.865
0.95
Maximum reverse current
Rated VR
TA = 25 °C
IR (2)
-5.0
μA
TA = 125 °C
3.7
50
Typical junction capacitance
4.0 V, 1 MHz
CJ
5.0
-
pF
THERMAL CHARACTERISTICS (TA = 25 °c unless otherwise noted)
PARAMETER
SYMBOL
SE07PB
SE07PD
SE07PG
SE07PJ
UNIT
Typical thermal resistance
RJA (1)
105
°C/W
RJL (1)
25
RJC (1)
30
IMMUNITY TO ELECTRICAL STATIC DISCHARGE TO THE FOLLOWING STANDARDS
(TA = 25 °C unless otherwise noted)
STANDARD
TEST TYPE
TEST CONDITIONS
SYMBOL
CLASS
VALUE
AEC-Q101-001
Human body model (contact mode)
C = 100 pF, R = 1.5
VC
H3B
> 8 kV
AEC-Q101-002
Machine model (contact mode)
C = 200 pF, R = 0
M4
> 400 kV
JESD22-A114
Human body model (contact mode)
C = 150 pF, R = 1.5
3B
> 8 kV
JESD22-A114
Machine model (contact mode)
C = 200 pF, R = 0
C
> 400 kV
IEC 61000-4-2 (2)
Human body model (contact mode)
C = 150 pF, R = 150
4> 8 kV
Human body model (air-discharge mode) (1)
C = 150 pF, R = 150
4
> 15 kV
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
SE07PJ-M3/84A
0.024
84A
3000
7" diameter plastic tape and reel
SE07PJ-M3/85A
0.024
85A
10 000
13" diameter plastic tape and reel



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com