Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

73S8014BN Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # 73S8014BN
Description  Smart Card Interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

73S8014BN Datasheet(HTML) 2 Page - Maxim Integrated Products

  73S8014BN Datasheet HTML 1Page - Maxim Integrated Products 73S8014BN Datasheet HTML 2Page - Maxim Integrated Products 73S8014BN Datasheet HTML 3Page - Maxim Integrated Products 73S8014BN Datasheet HTML 4Page - Maxim Integrated Products 73S8014BN Datasheet HTML 5Page - Maxim Integrated Products 73S8014BN Datasheet HTML 6Page - Maxim Integrated Products 73S8014BN Datasheet HTML 7Page - Maxim Integrated Products 73S8014BN Datasheet HTML 8Page - Maxim Integrated Products 73S8014BN Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
73S8014BN Data Sheet
DS_8014BN_057
2
Rev. 2
FUNCTIONAL DIAGRAM
SMART CARD SIGNAL CONTROL and LEVEL SHIFTERS
LDO
REGULATOR
SC
SEQUENCER
VOLTAGE and CURRENT
REFERENCES
CLOCK
GENERATION
CONTROLLER
AND
FAULT LOGIC
RESET
BUFFER
CLOCK
BUFFER
R-C
OSC.
VDD FAULT
VCC FAULT
CLOCK
1.5MHz
VDD
VPC
VCC
RST
CLK
PRES
C4
C4UC
CMDVCC
RSTIN
5V#V
GND
OFF
bias currents
vref
vcc circuits
VDD CKT
vdd circuits
vdd circuits
VCC CONTROL
C8UC
I/OUC
I/O
C8
XTAL
OSC
XTALIN/
CLKIN
XTALOUT
CKDIV
POWER DOWN
Figure 1: 73S8014BN Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com