Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT62-02W Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # BAT62-02W
Description  Silicon Schottky Diode (Low barrier diode for detectors up to GHz frequencies)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BAT62-02W Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  BAT62-02W Datasheet HTML 1Page - Siemens Semiconductor Group BAT62-02W Datasheet HTML 2Page - Siemens Semiconductor Group BAT62-02W Datasheet HTML 3Page - Siemens Semiconductor Group BAT62-02W Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BAT 62-02W
Semiconductor Group
Jul-02-1998
2
Electrical Characteristics at
TA = 25°C, unless otherwise specified.
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC characteristics
Reverse current
VR = 40 V
IR
-
-
10
µA
Forward voltage
IF = 2 mA
VF
-
0.58
1
V
AC characteristics
Diode capacitance
VR = 1 V, f = 1 MHz
CT
-
0.35
0.6
pF
Case capacitance
f = 1 MHz
CC
-
0.09
-
Differential resistance
VR = 0 , f = 10 kHz
R0
-
225
-
k
Series inductance chip to ground
Ls
-
0.6
-
nH
Semiconductor Group
2
1998-11-01



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com