Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N6031 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2N6031
Description  Silicon PNP Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2N6031 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2N6031 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2N6031 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2N6031 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
2N6031
DESCRIPTION
・With TO-3 package
・Complement to type 2N5631
・High collector sustaining voltage
・High DC current gain
・Low collector saturation voltage
APPLICATIONS
・For high power audio amplifier and
high voltage switching regulator
circuits applications
PINNING
PIN
DESCRIPTION
1
Base
2
Emitter
3
Collector
Absolute maximum ratings(Ta=℃)
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
VCBO
Collector-base voltage
Open emitter
-140
V
VCEO
Collector-emitter voltage
Open base
-140
V
VEBO
Emitter-base voltage
Open collector
-7
V
IC
Collector current
-16
A
ICM
Collector current-peak
-20
A
IB
Base current
-5.0
A
PD
Total Power Dissipation
TC=25℃
200
W
Tj
Junction temperature
150
℃
Tstg
Storage temperature
-65~200
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-c
Thermal resistance junction to case
0.875
℃/W
Fig.1 simplified outline (TO-3) and symbol


Similar Part No. - 2N6031

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6031 ONSEMI-2N6031 Datasheet
118Kb / 8P
POWER TRANSISTORS COMPLEMENTARY SILICON
May, 2001 ??Rev. 0
logo
List of Unclassifed Man...
2N6031 ETC-2N6031 Datasheet
347Kb / 8P
Power Transistors
logo
Savantic, Inc.
2N6031 SAVANTIC-2N6031 Datasheet
111Kb / 3P
Silicon PNP Power Transistors
logo
Central Semiconductor C...
2N6031 CENTRAL-2N6031 Datasheet
317Kb / 2P
PNP SILICON POWER TRANSISTOR 140 VOLTS, 200 WATTS
logo
New Jersey Semi-Conduct...
2N6031 NJSEMI-2N6031 Datasheet
255Kb / 2P
POWER TRANSISTORS COMPLEMENTARY SILICON
More results

Similar Description - 2N6031

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
BD244 BOURNS-BD244 Datasheet
106Kb / 5P
PNP SILICON POWER TRANSISTORS
BD544 BOURNS-BD544 Datasheet
103Kb / 5P
PNP SILICON POWER TRANSISTORS
logo
List of Unclassifed Man...
2SA1659 ETC-2SA1659 Datasheet
48Kb / 3P
Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2SA1129 ISC-2SA1129 Datasheet
95Kb / 3P
Silicon PNP Power Transistors
2SA1067 ISC-2SA1067 Datasheet
152Kb / 3P
Silicon PNP Power Transistors
2SA1094 ISC-2SA1094 Datasheet
181Kb / 3P
Silicon PNP Power Transistors
2SA636 ISC-2SA636 Datasheet
149Kb / 3P
Silicon PNP Power Transistors
2SA1859 ISC-2SA1859 Datasheet
146Kb / 4P
Silicon PNP Power Transistors
2SA648 ISC-2SA648 Datasheet
152Kb / 3P
Silicon PNP Power Transistors
2SA971 ISC-2SA971 Datasheet
155Kb / 3P
Silicon PNP Power Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com