Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9292 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT9292
Description  TinyPower Operation Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9292 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT9292 Datasheet HTML 1Page - Holtek Semiconductor Inc HT9292 Datasheet HTML 2Page - Holtek Semiconductor Inc HT9292 Datasheet HTML 3Page - Holtek Semiconductor Inc HT9292 Datasheet HTML 4Page - Holtek Semiconductor Inc HT9292 Datasheet HTML 5Page - Holtek Semiconductor Inc HT9292 Datasheet HTML 6Page - Holtek Semiconductor Inc HT9292 Datasheet HTML 7Page - Holtek Semiconductor Inc HT9292 Datasheet HTML 8Page - Holtek Semiconductor Inc HT9292 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Absolute Maximum Ratings
Supply Voltage .......................................................6.0V
Input Voltage..............................VSS
-0.3V ~ VDD+0.3V
Difference Input Voltage ..............................
±(VDD-VSS)
ESD protection on all pins (HBM;MM) ........
³4kV; 400V
Storage Temperature .........................
-65°C to +150°C
Operating Temperature ........................
-40°Cto+85°C
Junction Temperature ..........................................150
°C
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those listed
in the specification is not implied and prolonged exposure to extreme conditions may affect device reliability.
Electrical Characteristics
Unless otherwise indicated, VSS=GND, Ta=25
°C, VCM=VDD/2, VL=VDD/2, and RL=1MW to VL,CL=60pF
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Supply Voltage
¾¾
1.4
¾
5.5
V
VOS
Input Offset Voltage
5V
VIN=VCM/2
-5.0
¾
5.0
mV
DVOS/DT
Drift with Temperature
5V
VIN=VCM/2
¾±2
¾mV/°C
IOS
Input Offset Current
5V
Ta=25
°C
¾±5
¾
pA
IB
Input Bias Current
5V
Ta=25
°C
¾±50
¾
pA
VCM
Input Common Mode Range
5V
¾
0
¾
VDD
-1.2
V
VOH
VOL
Maximum Output Voltage Swing
5V
0.5V input overdrive
RL=1M
W to VL
VSS+10
¾
VDD
-10
mV
0.5V input overdrive
RL=50k
W to VL
VSS+20
¾
VDD
-50
mV
AOL
DC Open-Loop Gain
(large signal)
5V
VOUT=0.2V to VDD-0.2V,
VIN=VCM/2
70
100
¾
dB
GBW
Gain BandWidth Product
5V
RL=1M
W,CL=60pF
VIN=VCM/2
¾
11
¾
kHz
Fm
Phase Margin
5V
RL=1M
W,CL=60pF
G=+1V/V, VIN+=VDD/2
¾
50
¾°
CMRR
Common Mode Rejection Ratio
5V
VCM=0V to VDD-1.4V
60
90
¾
dB
PSRR
Power Supply Rejection Ratio
5V
VCM = 0.2V
65
95
¾
dB
ICC
Supply Current Per Single
Amplifier
5V
Io=0A for HT9291
0.50
0.80
1.20
mA
Io=0A for HT9292/HT9294
0.30
0.60
1.00
mA
SR
Slew Rate at Unity Gain
5V
RL=1M
W,CL=60pF
¾
5
¾
V/ms
IO_SOURCE
Output Short Circuit Source
Current
5V
VIN+
- VIN- ³ 10mV
-0.3
-1.2
¾
mA
IO_SINK
Output Short Circuit Sink Current
5V
VIN-
- VIN+ ³ 10mV
14
¾
mA
HT9291/HT9292/HT9294
Rev. 1.10
3
October 12, 2010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com