Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRN8040-R50Y Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SRN8040-R50Y
Description  Semi-shielded Power Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRN8040-R50Y Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SRN8040-R50Y Datasheet HTML 1Page - Bourns Electronic Solutions SRN8040-R50Y Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
■ Semi-shielded construction
■ High rated current
■ Component height: 4 mm
■ Inductance range: 0.5 to 100 µH
■ Rated current up to 10 A
■ RoHS compliant* and halogen free**
Applications
■ DC/DC converters
■ Notebook computers
■ Digital video cameras
■ HDDs
■ Cell phones
■ Televisions, LCD displays
SRN8040 Series - Semi-shielded Power Inductors
* RoHS Directive 2002/95/EC Jan 27, 2003 including Annex.
** Bourns follows the prevailing definition of “halogen free” in the industry. Bourns considers a product to be “halogen free” if (a) the Bromine (Br ) content is 900 ppm or less;
(b) the Chlorine ( Cl ) content is 900 ppm or less; and (c) the total Bromine (Br) and Chlorine ( Cl ) content is 1500 ppm or less.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Operating Temperature
................................. -40 °C to +105 °C
(Temperature rise included)
Storage Temperature .. -40 °C to +125 °C
Resistance to Solder Heat
...............................+250 °C for 10 sec.
Temperature Rise .... 40 °C at rated Irms
Rated Current
........... Inductance drops 30 % at Isat
Electrical Specifications @ 25 °C
General Specifications
Core..............................................Ferrite
Wire ........................... Enameled copper
Terminal Finish....................................Sn
Coating ................ Magnetic epoxy resin
Packaging.....1200 pcs. per 13-inch reel
Materials
Product Dimensions
Recommended Layout
Electrical Schematic
DIMENSIONS:
MM
(INCHES)
How to Order
SRN8040 - 100M
Model
Value Code (see table)
Soldering Profile
100
0
50
50
150
250
200
Rising Area
Temperature
±3.0 °C/sec. max.
Forced Cooling Area
6.0
/ sec max.
°C
PeakTemperature:
Time (Seconds)
100
150
200
40~90 sec.max.
250 °C +5/-10 °C, 5 sec. max.
150 ~ 200 °C / 60 - 180 sec.
Preheat Area
+1.5 ~ 3.0 °C
Reflow Area
250
217 °C
Peak Temperature: 255 ° max.
Maximum Time Above 217 °C: 90 seconds
8.0 ± 0.3
(.315 ± .012)
8.0 ± 0.3
(.315 ± .012)
MAX.
REF.
4.0
(.157)
3.2
(.126)
8.0
(.315)
REF.
REF.
3.5
(.138)
REF.
2.2
(.087)
REF.
2.2
(.087)
Bourns Part No.
Inductance
@ 100 KHz/1 V
DCR
(
Ω)
Max.
Irms
(A)
Isat
(A)
L (
μH)
Tol. %
SRN8040-R50Y
0.5
30
0.007
10
12
SRN8040-1R0Y
1.0
30
0.01
7.8
11
SRN8040-1R5Y
1.5
30
0.011
7
8.2
SRN8040-2R2Y
2.2
30
0.013
6.3
7.4
SRN8040-3R3Y
3.3
30
0.021
5.6
5.5
SRN8040-3R6Y
3.6
30
0.022
4.9
5.3
SRN8040-4R7Y
4.7
30
0.024
4.1
4.7
SRN8040-6R8Y
6.8
30
0.033
3.9
4.2
SRN8040-8R2Y
8.2
30
0.045
3.7
4
SRN8040-100M
10
20
0.05
3.1
3.4
SRN8040-150M
15
20
0.07
2.4
2.7
SRN8040-220M
22
20
0.1
2.2
2.2
SRN8040-330M
33
20
0.145
1.7
1.9
SRN8040-470M
47
20
0.19
1.4
1.5
SRN8040-680M
68
20
0.275
1.1
1.2
SRN8040-101M
100
20
0.4
1
1
2R2


Similar Part No. - SRN8040-R50Y

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRN8040-R50Y BOURNS-SRN8040-R50Y Datasheet
334Kb / 2P
Semi-shielded Power Inductors
More results

Similar Description - SRN8040-R50Y

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRN3015 BOURNS-SRN3015 Datasheet
347Kb / 2P
Semi-shielded Power Inductors
SRN4018 BOURNS-SRN4018 Datasheet
313Kb / 2P
Semi-shielded Power Inductors
SRN1060-100M BOURNS-SRN1060-100M Datasheet
329Kb / 2P
Semi-shielded Power Inductors
SRN8040 BOURNS-SRN8040_13 Datasheet
334Kb / 2P
Semi-shielded Power Inductors
SRN2010TA BOURNS-SRN2010TA Datasheet
246Kb / 3P
Semi-shielded Power Inductors
SRN3012TA BOURNS-SRN3012TA Datasheet
241Kb / 3P
Semi-shielded Power Inductors
SRN2009T BOURNS-SRN2009T Datasheet
416Kb / 4P
Semi-shielded Power Inductors
SRN3010TA BOURNS-SRN3010TA Datasheet
429Kb / 4P
Semi-shielded Power Inductors
SRN5020TA BOURNS-SRN5020TA Datasheet
587Kb / 5P
Semi-shielded Power Inductors
SRN6028C BOURNS-SRN6028C Datasheet
144Kb / 5P
Semi-shielded Power Inductors
Mar 31, 2015
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com