Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPD2EUSB30 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPD2EUSB30
Description  2, 4-CHANNEL PROTECTION SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPD2EUSB30 Datasheet(HTML) 5 Page - Texas Instruments

  TPD2EUSB30 Datasheet HTML 1Page - Texas Instruments TPD2EUSB30 Datasheet HTML 2Page - Texas Instruments TPD2EUSB30 Datasheet HTML 3Page - Texas Instruments TPD2EUSB30 Datasheet HTML 4Page - Texas Instruments TPD2EUSB30 Datasheet HTML 5Page - Texas Instruments TPD2EUSB30 Datasheet HTML 6Page - Texas Instruments TPD2EUSB30 Datasheet HTML 7Page - Texas Instruments TPD2EUSB30 Datasheet HTML 8Page - Texas Instruments TPD2EUSB30 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
1-mm
GND
D+
D-
1-mm
1-mm
GND
D+
D-
TPD2EUSB30DRTR
TX+
TX-
GND
RX+
RX-
VBUS
D-
D+
GND
8-mm
USB 3.0
Host/ Controller
TX+
TX-
GND
RX+
RX-
VBUS
D-
D+
GND
USB 3.0
Host/ Controller
8-mm
1-mm
1-mm
1-mm
TPD4EUSB30
D1+
D1-
GND
GND
D2+
D2-
One TPD4EUSB30 & One TPD2EUSB30 to Protect USB3.0 Class A connec tor (Two Layer Routing)
Three TPD2EUSB30 to Protect USB3.0 Class A connector (One Layer Routing)
N.C.
N.C.
N.C.
N.C.
TPD2EUSB30, TPD2EUSB30A, TPD4EUSB30
www.ti.com
SLVSAC2A – AUGUST 2010 – REVISED DECEMBER 2010
APPLICATION INFORMATION
Layout Guide with TPDxEUSB30/A
Refer to Figure 7, the TPD2EUSB30/A are offered in space saving DRT package. The DRT is a 1mm* 1mm
package with flow-through pin-mapping for the high-speed differential lines. The TPD4EUSB30 is offered in
space saving DQA package. The DQA is a 1mm* 2.5mm package with flow-through pin-mapping for the
high-speed differential lines. It is recommended to place the package right next to the USB 3.0 connector. The
GND pin should connected to GND plane of the board through a large VIA. If a dedicated GND plane is not
present right underneath, it is recommended to route to the GND plane through a wide trace. The current
associated with IEC ESD stress can be in the range of 30Amps or higher momentarily. A good, low impedance
GND path ensures the system robustness against IEC ESD stress.
The TPDxEUSB30/A can provide system level ESD protection to the high-speed differential ports (>6 Gbps data
rate). The flow-through package offers flexibility for board routing with traces up to 15 mills wide. It allows the
differential signal pairs couple together right after they touch the ESD ports of the TPDxEUSB30/A.
Figure 7. Layout Guide with the TPDxEUSB30/A at the USB3.0 Class A Connector
TPDxEUSB30/A Eye Pattern Test
See Figure 9 for a demonstration of the TPDxEUSB30/A performance the lab set-up. Figure 8 shows a lab board
that was designed to demonstrate the degradation of the eye pattern quality with and without the
TPD2EUSB30/A in the USB 3.0 signal path. Figure 10 shows that there is only ~2 ps jitter penalty to the
differential signal when the TPD2EUSB30/A device was added in the signal path. Similar setup was employed to
measure eye pattern for the TPD4EUSB30.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPD2EUSB30, TPD2EUSB30A, TPD4EUSB30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com