Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP2805 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SIP2805
Description  Low Power Consumption Current Mode Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP2805 Datasheet(HTML) 2 Page - Vishay Siliconix

  SIP2805 Datasheet HTML 1Page - Vishay Siliconix SIP2805 Datasheet HTML 2Page - Vishay Siliconix SIP2805 Datasheet HTML 3Page - Vishay Siliconix SIP2805 Datasheet HTML 4Page - Vishay Siliconix SIP2805 Datasheet HTML 5Page - Vishay Siliconix SIP2805 Datasheet HTML 6Page - Vishay Siliconix SIP2805 Datasheet HTML 7Page - Vishay Siliconix SIP2805 Datasheet HTML 8Page - Vishay Siliconix SIP2805 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.vishay.com
2
Document Number: 72660
S11-0598-Rev. E, 25-Apr-11
Vishay Siliconix
SiP2800, SiP2801, SiP2802, SiP2803, SiP2804, SiP2805
This datasheet is subject to change without notice.
THE PRODUCT DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes:
a. Currents are positive into, negative out of the specificed terminal.
b. In normal operation VCC is powered through a current limiting resistor. An absolute maximum of 12 V applies when VCC is driven from a low
impedance source such that ICC does not exceed 30 mA.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGSa
Parameter
Limit
Unit
VCC
b
12
V
FB, Comp, CS
- 0.3 to 6
Power Dissipation SO-8
1W
Power Dissipation TSSOP-8
830
mW
Storage Temperature
- 55 to 150
°C
RECOMMENDED OPERATING RANGE
Parameter
Limit
Unit
Operating Temperature Range
- 40 to 85
°C
SPECIFICATIONS
Parameter
Symbol
Test Conditions Unless Specified
VCC = 10 V, RT = 100 k., CT = 330 pF
CREF = 0.1 µF, - 40 °C < TA < 85 °C
Limits
Unit
Min.a
Typ.b
Max.a
Reference
Reference Voltage
VREF
ILOAD = 0.2 mA, TA = 25 °C
SiP2800 /
SiP2801 /
SiP2802 /
SiP2804
4.925
5.000
5.075
V
SiP2803 /
SiP2805
3.940
4.000
4.06
SiP2800 / SiP2801 / SiP2802 / SiP2804
4.88
5.00
5.10
SiP2803 / SiP2805
3.90
4.00
4.08
Load Regulation
V
LOAD
0.2 mA < ILOAD < 5 mA
10
30
mV
Line Regulation
V
LINE
VCC = 10 V to Clamp, TA = 25 °C
1.9
mV/V
VCC = 10 V to Clamp
2.5
Noise
VNOISE
10 Hz < f < 10 kHz, TA = 25 °C
130
µV
Short Circuit Current
ISC
- 5
- 35
mA
Oscillator
Frequency
fOSC
SiP2800 /
SiP2801 /
SiP2802 /
SiP2804
40
46
52
kHz
SiP2803 /
SiP2805
26
31
36
Temperature Stability
2.5
%
Amplitude
VP-P
2.25
2.40
2.55
V
Peak Voltage
VP
2.45



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com