Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP11206 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # SIP11206
Description  Half-Bridge Controller with Primary MOSFET Drivers for Intermediate Bus Converters
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP11206 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button SIP11206 Datasheet HTML 5Page - Vishay Siliconix SIP11206 Datasheet HTML 6Page - Vishay Siliconix SIP11206 Datasheet HTML 7Page - Vishay Siliconix SIP11206 Datasheet HTML 8Page - Vishay Siliconix SIP11206 Datasheet HTML 9Page - Vishay Siliconix SIP11206 Datasheet HTML 10Page - Vishay Siliconix SIP11206 Datasheet HTML 11Page - Vishay Siliconix SIP11206 Datasheet HTML 12Page - Vishay Siliconix SIP11206 Datasheet HTML 13Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Document Number: 69232
S-81795-Rev. C, 04-Aug-08
www.vishay.com
9
Vishay Siliconix
SiP11206
If an MOC fault occurs following the start-up (due to a
condition such as an excessive load on the converter’s
output), SiP11206 will respond by gradually reducing the
available maximum duty cycle of its DL and DH outputs each
to be equal to approximately 42 % of their possible 47 %
maximum values. This is before any effects of deadtime
introduced by RDB are added in. This reduction in available
maximum duty cycle is achieved by reducing the voltage on
the SS pin to 4 V, as follows:
1. If VMOC < VCS < VSOC at any time during TDL, a current
of 20 µA will be drawn out of the SS pin until the
beginning of the next TDL.
2. If the voltage on the SS pin remains above the value that
would allow an available maximum DL and DH duty cycle
of 42 %, SiP11206 will continue operating.
3. If the voltage on the SS pin goes below the value that
would allow an available maximum DL and DH duty cycle
of 42 %, a hiccup interval is started, during which both DL
and DH are held in their low states.
4. The SS pin is discharged towards 0 V by a 400 nA sink
current.
5. The hiccup interval is terminated when the SS pin is
discharged to 0.25 V.
After the above actions have been taken switching on the DL
and DH outputs will then resume with a normal soft-start
cycle.
Response to MOC faults is enabled after the successful
completion of any normal soft-start cycle.
Response to SOC Faults (VCS > VSOC):
This is an immediate, single-cycle response over current
shutdown, followed by a hiccup delay and a normal soft-start
cycle. Since this is a gross fault protection mechanism, its
triggering mechanism is asynchronous to the timing of TDL
and TDH.
1. If VCS > VSOC, a hiccup interval is started, during which
both DL and DH are held in their low states.
2. The SS pin is discharged towards 0 V by a 400 nA sink
current.
3. The hiccup interval is terminated when the SS pin is
discharged to 0.25 V.
4. Switching on the DL and DH outputs will then resume
with a normal soft-start cycle.
Severe over current response is enabled at all times,
including the initial ramp-up period of the soft-start pin. This
allows SiP11206 to provide rapid fault protection for the
converter’s power train.
Immediate Response to UVLO Faults:
The under voltage protection conditions at converter-level
(VINDET pin UVLO) and chip-level (VCC UVLO) will
immediately trigger a shutdown-and-retry SS response, with
the restart requirements being that:
1. The SS pin has been discharged at a 20 µA rate to the
0.25 V level.
2. The affected supply has recovered to its turn-on
threshold.
Once these conditions are met, switching will resume with a
normal soft-start cycle. Response to UVLO faults is enabled
at all times, including the initial ramp-up period of the soft-
start pin.
Immediate Response to an OTP Condition:
Failure of the application circuit to provide an external
voltage to the VCC pin above the VREG level may result in an
OTP condition (TJ > OTPON). Other conditions, such as
excessive ambient temperature or, where applicable, failure
of airflow over the DC-DC converter circuit, can also trigger
an OTP condition. An OTP condition will immediately trigger
a shutdown-and-retry soft start response, with the restart
requirements being that:
1. The SS pin has been discharged at a 20 µA rate to the
0.25 V level.
2. The chip junction temperature has fallen below the lower
OTP threshold.
Once these conditions are met, switching will resume with a
normal soft-start cycle. Response to the OTP condition is
enabled at all times, including the initial ramp-up period of the
soft-start pin.
Reference
The reference voltage of SiP11206 is set at 3.3 V at VREF
pin. This pin should be decoupled externally with a 0.1 µF to
1 µF capacitor to GND. Up to 5 mA may be drawn internally
from this reference to power external circuits. Note that if the
VINDET pin is pulled below 0.55 V (typical), the reference will
be turned off, and SiP11206 will enter a low-power "standby"
mode. During startup or when VREF is accidentally shorted to
ground, this pin has internal short circuit protection limiting
the source current to 50 mA. VREF load regulation for 5 mA
step is typically 0.45 %.
Oscillator
The oscillator is designed to operate from 200 kHz to 1 MHz
with temperature stability within 15 %. This operating
frequency range allows the converter to minimize the
inductor and capacitor size, improving the power density of
the converter. The oscillator frequency, and therefore the
switching frequency, is programmable by the value of
resistor and capacitor connected to the ROSC and COSC pins
respectively. Note that the switching frequency at pins DL
and DH is half of the oscillator frequency, i.e., the DL output
will be active during one oscillator cycle, and the DH during
the next oscillator cycle.
VINDET
The VINDET pin controls several modes of operation and the
modes of operation are controlled by shutdown (VSD) and
under voltage (VUV) comparators (see block diagram). When
the IC is powered solely by VIN and VINDET is less than VSDH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com