Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNJ024X4ARA Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # LNJ024X4ARA
Description  Hight Bright Surface Mounting Chip LED
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

LNJ024X4ARA Datasheet(HTML) 1 Page - Panasonic Semiconductor

  LNJ024X4ARA Datasheet HTML 1Page - Panasonic Semiconductor LNJ024X4ARA Datasheet HTML 2Page - Panasonic Semiconductor LNJ024X4ARA Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Ver.AEK
This product complies with the RoHS Directive (EU 2002/95/EC).
Publicationdate:August2011
1
LNJ024X4ARA
HightBrightSurfaceMountingChipLED
3528(PLCC2)Type
AbsoluteMaximumRatingsTa = 25°C
Parameter
Symbol
Rating
Unit
Power dissipation
PD
80
mW
Forward current
IF
20
mA
Pulse forward current *
IFP
70
mA
Reverse voltage
VR
5
V
Operating ambient temperature
Topr
–40 to +100
°
C
Storage temperature
Tstg
–40 to +100
°
C
Note) *: The condition of IFP is duty 10%, Pulse width 1 msec.
Electro-OpticalCharacteristicsTa = 25°C±3°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Luminous intensity *
IO
IF = 10 mA
170
240
410
mcd
Reverse current
IR
VR = 5 V
100
µA
Forward voltage
VF
IF = 10 mA
3.0
3.7
V
Chromaticity coordinates
x
IF = 10 mA
0.264
0.310
0.361
y
IF = 10 mA
0.240
0.310
0.385
Note) *: Measurement tolerance: ±15%
0
5
10
15
20
35
30
25
40
0
−
20
2.0
2.5
3.5
3.0
4.0
−
40
40
20
80
60
100
20
0
40
60
80
100
120
10
1
10
1
10
102
103
102
102
103
IO  IF
IF  VF
IF  Ta
1
10
102
0
20
20
40
40
60
60
80
80
100
100
0°
10°
10°
20°
20°
30°
30°
40°
40°
50°
50°
60°
60°
70°
70°
80°
80°
80°
60°
40°
20°
90°
90°
Directive characteristics
Relative luminous intensity (%)
Ambient temperature Ta (°C)
Ambient temperature Ta (°C)
Forward voltage VF (V)
Forward current IF (mA)
Relative luminous intensity  Ta
LightingColor
White


Similar Part No. - LNJ024X4ARA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LNJ020W9BRAV PANASONIC-LNJ020W9BRAV Datasheet
29Kb / 1P
Surface Mounting Chip LED
LNJ026X8ARA PANASONIC-LNJ026X8ARA Datasheet
326Kb / 3P
Surface Mounting Chip LED
December 2008
LNJ026X8BRA PANASONIC-LNJ026X8BRA Datasheet
109Kb / 3P
Surface Mount LEDs
More results

Similar Description - LNJ024X4ARA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LNJ047X8ARA PANASONIC-LNJ047X8ARA Datasheet
316Kb / 3P
Hight Bright Surface Mounting Chip LED
LNJ224C44RA PANASONIC-LNJ224C44RA Datasheet
342Kb / 3P
Hight Bright Surface Mounting Chip LED
LNJ252W82RA PANASONIC-LNJ252W82RA Datasheet
316Kb / 3P
Hight Bright Surface Mounting Chip LED
LNJ324C43RA PANASONIC-LNJ324C43RA Datasheet
343Kb / 3P
Hight Bright Surface Mounting Chip LED
LNJ347W83RA PANASONIC-LNJ347W83RA Datasheet
324Kb / 3P
Hight Bright Surface Mounting Chip LED
LNJ824C43RA PANASONIC-LNJ824C43RA Datasheet
398Kb / 3P
Hight Bright Surface Mounting Chip LED
LNJ847W86RA PANASONIC-LNJ847W86RA Datasheet
325Kb / 3P
Hight Bright Surface Mounting Chip LED
LNJ947W8CRA PANASONIC-LNJ947W8CRA Datasheet
326Kb / 3P
Hight Bright Surface Mounting Chip LED
LNJ237W82RA PANASONIC-LNJ237W82RA Datasheet
325Kb / 3P
Hight Bright Surface Mounting Chip LED
LNJ053X8BRA PANASONIC-LNJ053X8BRA Datasheet
516Kb / 3P
Hight Bright Surface Mounting Chip LED
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com