Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL28107 Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL28107
Description  Precision Single, Dual and Quad Low Noise Operational Amplifiers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28107 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL28107 Datasheet HTML 5Page - Intersil Corporation ISL28107 Datasheet HTML 6Page - Intersil Corporation ISL28107 Datasheet HTML 7Page - Intersil Corporation ISL28107 Datasheet HTML 8Page - Intersil Corporation ISL28107 Datasheet HTML 9Page - Intersil Corporation ISL28107 Datasheet HTML 10Page - Intersil Corporation ISL28107 Datasheet HTML 11Page - Intersil Corporation ISL28107 Datasheet HTML 12Page - Intersil Corporation ISL28107 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
ISL28107, ISL28207, ISL28407
9
FN6631.5
October 21, 2011
TCVOS
Offset Voltage Drift; SOIC Package ISL28107, ISL28207
-0.65
0.1
0.65
µV/°C
ISL28407
-0.8
0.2
0.8
µV/°C
Offset Voltage Drift; MSOP
Package
ISL28107
-0.85
0.1
0.85
µV/°C
ISL28207
-0.9
0.1
0.9
µV/°C
Offset Voltage Drift; TDFN Package ISL28107
-0.9
0.1
0.9
µV/°C
ISL28207
-0.75
0.1
0.75
µV/°C
IB
Input Bias Current
ISL28107, ISL28207
TA = -40°C to +85°C
-300
15
300
pA
TA = -40°C to +125°C
-600
600
pA
Input Bias Current
ISL28407
TA = 0°C to +70°C
-250
50
250
pA
TA = -40°C to +85°C
-330
50
330
pA
TA = -40°C to +125°C
-700
700
pA
TCIB
Input Bias Current Drift
ISL28107, ISL28207
TA = -40°C to +85°C
-0.9
0.19
0.9
pA/
°C
TA = -40°C to +85°C;
ISL28207 MSOP Package Only
-1.5
0.19
1.5
pA/
°C
TA = -40°C to +125°C
-3.5
0.26
3.5
pA/
°C
Input Bias Current Drift
ISL28407
TA = 0°C to +70°C
-1.5
0.3
1.5
pA/
°C
TA = -40°C to +85°C
-2.0
0.3
2.0
pA/
°C
TA = -40°C to +125°C
-3.5
0.3
3.5
pA/
°C
IOS
Input Offset Current
ISL28107, ISL28207
TA = -40°C to +85°C
-300
15
300
pA
TA = -40°C to +125°C
-600
600
pA
Input Offset Current
ISL28407
TA = 0°C to +70°C
-250
50
250
pA
TA = -40°C to +85°C
-330
50
330
pA
TA = -40°C to +125°C
-700
700
pA
TCIOS
Input Offset Current Drift
ISL28107, ISL28207
TA = -40°C to +85°C
-0.9
0.19
0.9
pA/
°C
TA = -40°C to +125°C
-3.5
0.26
3.5
pA/
°C
TA = -40°C to +85°C;
ISL28207 MSOP Package Only
-1.5
1.5
pA/
°C
Input Offset Current Drift
ISL28407
TA = 0°C to +70°C
-1.5
0.3
1.5
pA/
°C
TA = -40°C to +85°C
-2.0
0.3
2.0
pA/
°C
TA = -40°C to +125°C
-3.5
0.3
3.5
pA/
°C
VCM
Common Mode Input Voltage
Range
Guaranteed by CMRR test
-3
3
V
CMRR
Common-Mode Rejection Ratio
VCM = -3V to +3V
115
145
dB
PSRR
Power Supply Rejection Ratio
VS = ±2.25V to ±5V
115
145
dB
AVOL
Open-Loop Gain
VO = -3V to +3V, RL = 10kΩ to ground
130
152
dB
VOH
Output Voltage High
RL = 10kΩ to ground
-40°C to +125°C
3.5
3.7
V
3.2
V
RL = 2kΩ to ground
-40°C to +125°C
3.3
3.55
V
3.1
V
Electrical Specifications V
S ±5V, VCM = 0, VO = 0V, TA = +25°C, unless otherwise noted. Boldface limits apply over the operating
temperature range, -40°C to +125°C. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 8)
TYP
MAX
(Note 8)
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com