Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS8P3C Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SS8P3C
Description  High Current Density Surface Mount Dual Common-Cathode Schottky Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SS8P3C Datasheet(HTML) 1 Page - Vishay Siliconix

  SS8P3C Datasheet HTML 1Page - Vishay Siliconix SS8P3C Datasheet HTML 2Page - Vishay Siliconix SS8P3C Datasheet HTML 3Page - Vishay Siliconix SS8P3C Datasheet HTML 4Page - Vishay Siliconix SS8P3C Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Document Number: 89029
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 10-May-11
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Current Density Surface Mount
Dual Common-Cathode Schottky Rectifier
SS8P3C, SS8P4C
Vishay General Semiconductor
New Product
TYPICAL APPLICATIONS
For use in high frequency rectifier of switching mode power
supplies, freewheeling diodes, DC/DC converters and
polarity protection application.
FEATURES
• Very low profile - typical height of 1.1 mm
• Ideal for automated placement
• Low forward voltage drop, low power losses
• High efficiency
• Low thermal resistance
• Meets
MSL
level
1,
per
J-STD-020,
LF maximum peak of 260 °C
• AEC-Q101 qualified
• Compliant
to
RoHS
Directive
2002/95/EC
and
in
accordance to WEEE 2002/96/EC
• Halogen-free according to IEC 61249-2-21 definition
MECHANICAL DATA
Case: TO-277A (SMPC)
Molding compound meets UL 94 V-0 flammability rating
Base P/N-M3 - halogen-free, RoHS compliant, and
commercial grade
Base P/NHM3 - halogen-free, RoHS compliant, and
automotive grade
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
M3 suffix meets JESD 201 class 1A whisker test, HM3 suffix
meets JESD 201 class 2 whisker test
PRIMARY CHARACTERISTICS
IF(AV)
2 x 4.0 A
VRRM
30 V, 40 V
IFSM
120 A
EAS
20 mJ
VF at IF = 4 A
0.42 V
TJ max.
150 °C
TO-277A (SMPC)
K
2
1
Anode 1
Anode 2
Cathode
K
eSMPTM Series
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
SS8P3C
SS8P4C
UNIT
Device marking code
S83C
S84C
Maximum repetitive peak reverse voltage
VRRM
30
40
V
Maximum average forward rectified current (fig. 1)
total device
IF(AV)
8.0
A
per diode
4.0
Peak forward surge current 10 ms single half sine-wave
superimposed on rated load
IFSM
120
A
Non-repetitive avalanche energy at 25 °C, IAS = 2 A per diode
EAS
20
Operating junction and storage temperature range
TJ, TSTG
- 55 to + 150
°C


Similar Part No. - SS8P3C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SS8P3C VISHAY-SS8P3C Datasheet
89Kb / 5P
High Current Density Surface Mount Dual Common Cathode Schottky Rectifier
13-Jan-15
SS8P3C VISHAY-SS8P3C Datasheet
101Kb / 5P
High Current Density Surface-Mount Dual Common Cathode Schottky Rectifier
13-May-2020
SS8P3CL VISHAY-SS8P3CL Datasheet
110Kb / 5P
High Current Density Surface Mount Schottky Barrier Rectifiers
30-Jul-08
SS8P3CL VISHAY-SS8P3CL Datasheet
98Kb / 5P
High Current Density Surface Mount Schottky Barrier Rectifier
10-May-11
SS8P3CL VISHAY-SS8P3CL Datasheet
98Kb / 6P
Schottky Barrier Rectifier
16-Jan-14
More results

Similar Description - SS8P3C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SS6P4C VISHAY-SS6P4C Datasheet
95Kb / 5P
High Current Density Surface Mount Dual Common-Cathode Schottky Rectifier
10-May-11
SS8P5C VISHAY-SS8P5C_11 Datasheet
98Kb / 5P
High Current Density Surface Mount Dual Common-Cathode Schottky Rectifier
17-May-11
SS6P4C VISHAY-SS6P4C_15 Datasheet
87Kb / 5P
High Current Density Surface Mount Dual Common-Cathode Schottky Rectifier
10-Dec-14
SS8P3C VISHAY-SS8P3C_15 Datasheet
89Kb / 5P
High Current Density Surface Mount Dual Common Cathode Schottky Rectifier
13-Jan-15
SS10P2CL VISHAY-SS10P2CL_15 Datasheet
89Kb / 5P
High Current Density Surface Mount Dual Common Cathode Schottky Rectifiers
13-Jan-15
SS6P4C VISHAY-SS6P4C_V01 Datasheet
101Kb / 5P
High Current Density Surface-Mount Dual Common Cathode Schottky Rectifier
24-Apr-2020
SS8P3C VISHAY-SS8P3C_V01 Datasheet
101Kb / 5P
High Current Density Surface-Mount Dual Common Cathode Schottky Rectifier
13-May-2020
SS8P5C VISHAY-SS8P5C_V01 Datasheet
101Kb / 5P
High Current Density Surface-Mount Dual Common Cathode Schottky Rectifier
24-Apr-2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com