Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO7420FCC Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7420FCC
Description  Low-Power Dual Channel Digital Isolators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7420FCC Datasheet(HTML) 13 Page - Texas Instruments

Back Button ISO7420FCC Datasheet HTML 9Page - Texas Instruments ISO7420FCC Datasheet HTML 10Page - Texas Instruments ISO7420FCC Datasheet HTML 11Page - Texas Instruments ISO7420FCC Datasheet HTML 12Page - Texas Instruments ISO7420FCC Datasheet HTML 13Page - Texas Instruments ISO7420FCC Datasheet HTML 14Page - Texas Instruments ISO7420FCC Datasheet HTML 15Page - Texas Instruments ISO7420FCC Datasheet HTML 16Page - Texas Instruments ISO7420FCC Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
IN
1 MW
500 W
ISO742xFx Input
VCC1
OUT
8 W
13 W
Output
VCC2
VCC1
IN
1 MW
500 W
ISO742xE Input
VCC1
VCC1
VCC1
ISO7420E, ISO7420FE, ISO7420FCC
ISO7421E, ISO7421FE, ISO7421FCC
www.ti.com
SLLSE45D
– DECEMBER 2010 – REVISED DECEMBER 2011
ISO7421
At VCC1 = VCC2 = 3.3V
ICC1(typ) = ICC1_Q (typ) + 1.567 x 10
-2 x f + 1.640 x 10-3 x f x C
L
(13)
ICC2(typ) = ICC2_Q (typ) + 1.567 x 10
-2 x f + 1.640 x 10-3 x f x C
L
(14)
At VCC1 = VCC2 = 5V
ICC1(typ) = ICC1_Q (typ) + 2.550 x 10
-2 x f + 2.416 x 10-3 x f x C
L
(15)
ICC2(typ) = ICC2_Q (typ) + 2.550 x 10
-2 x f + 2.461 x 10-3 x f x C
L
(16)
ICC1_Q (typ) and ICC2_Q (typ) are equivalent to the typical supply currents measured in mA under DC input
conditions (provided in the specification tables of this data sheet); f is data rate in Mbps of each channel; CL is
the capacitive load in pF of each channel. ICC1(typ) and ICC2(typ) are measured in mA.
Spacer
Figure 7. Device I/O Schematics
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): ISO7420E ISO7420FE ISO7420FCC ISO7421E ISO7421FE ISO7421FCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com