Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS32 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SS32
Description  Surface Mount Schottky Barrier Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SS32 Datasheet(HTML) 2 Page - Vishay Siliconix

  SS32 Datasheet HTML 1Page - Vishay Siliconix SS32 Datasheet HTML 2Page - Vishay Siliconix SS32 Datasheet HTML 3Page - Vishay Siliconix SS32 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SS32 thru SS36
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88751
Revision: 23-Jan-08
2
Note:
(1) Pulse test: 300 µs pulse width, 1 % duty cycle
Note:
(1) P.C.B. mounted 0.55 x 0.55" (14 x 14 mm) copper pad areas
Note:
(1) Automotive grade AEC Q101 qualified
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
SS32
SS33
SS34
SS35
SS36
UNIT
Maximum instantaneous
forward voltage (1)
3.0 A
VF
0.5
0.75
V
Maximum DC reverse current
at rated DC blocking voltage (1)
TA = 25 °C
TA = 100 °C
IR
0.5
mA
20
10
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
SS32
SS33
SS34
SS35
SS36
UNIT
Typical thermal resistance (1)
RθJA
RθJL
55
17
°C/W
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
SS34-E3/57T
0.235
57T
850
7" diameter plastic tape and reel
SS34-E3/9AT
0.235
9AT
3500
13" diameter plastic tape and reel
SS34HE3/57T (1)
0.235
57T
850
7" diameter plastic tape and reel
SS34HE3/9AT (1)
0.235
9AT
3500
13" diameter plastic tape and reel
Figure 1. Forward Current Derating Curve
50
170
70
90
110
130
150
0
1.5
2.5
3.5
Resistive or Inductive Load
SS32 - SS34
SS35 & SS36
Ambient Temperature (°C)
P.C.B. Mounted on
0.55 x 0.55" (14 x 14 mm)
Copper Pad Areas
0.5
1.0
2.0
3.0
Figure 2. Maximum Non-Repetitive Peak Forward Surge Current
1
10
100
0
20
40
60
80
100
Number of Cycles at 60 Hz
At Rated T
L
8.3 ms Single Half Sine-Wave



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com