Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST280C06C1LPBF Datasheet(PDF) 3 Page - Vishay Siliconix

Part # ST280C06C1LPBF
Description  Phase Control Thyristors (Hockey PUK Version), 500 A
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST280C06C1LPBF Datasheet(HTML) 3 Page - Vishay Siliconix

  ST280C06C1LPBF Datasheet HTML 1Page - Vishay Siliconix ST280C06C1LPBF Datasheet HTML 2Page - Vishay Siliconix ST280C06C1LPBF Datasheet HTML 3Page - Vishay Siliconix ST280C06C1LPBF Datasheet HTML 4Page - Vishay Siliconix ST280C06C1LPBF Datasheet HTML 5Page - Vishay Siliconix ST280C06C1LPBF Datasheet HTML 6Page - Vishay Siliconix ST280C06C1LPBF Datasheet HTML 7Page - Vishay Siliconix ST280C06C1LPBF Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Document Number: 94400
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 11-Aug-08
3
ST280CPbF Series
Phase Control Thyristors
(Hockey PUK Version), 500 A
Vishay High Power Products
Note
• The table above shows the increment of thermal resistance RthJC when devices operate at different conduction angles than DC
TRIGGERING
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
TYP.
MAX.
Maximum peak gate power
PGM
TJ = TJ maximum, tp ≤ 5 ms
10.0
W
Maximum average gate power
PG(AV)
TJ = TJ maximum, f = 50 Hz, d% = 50
2.0
Maximum peak positive gate current
IGM
TJ = TJ maximum, tp ≤ 5 ms
3.0
A
Maximum peak positive gate voltage
+ VGM
TJ = TJ maximum, tp ≤ 5 ms
20
V
Maximum peak negative gate voltage
- VGM
5.0
DC gate current required to trigger
IGT
TJ = - 40 °C
Maximum required gate trigger/
current/voltage are the lowest
value which will trigger all units
12 V anode to cathode applied
180
-
mA
TJ = 25 °C
90
150
TJ = 125 °C
40
-
DC gate voltage required to trigger
VGT
TJ = - 40 °C
2.9
-
V
TJ = 25 °C
1.8
3.0
TJ = 125 °C
1.2
-
DC gate current not to trigger
IGD
TJ = TJ maximum
Maximum gate current/voltage
not to trigger is the maximum
value which will not trigger any
unit with rated VDRM anode to
cathode applied
10
mA
DC gate voltage not to trigger
VGD
0.30
V
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum operating junction
temperature range
TJ
- 40 to 125
°C
Maximum storage temperature range
TStg
- 40 to 150
Maximum thermal resistance,
junction to heatsink
RthJ-hs
DC operation single side cooled
0.17
K/W
DC operation double side cooled
0.08
Maximum thermal resistance,
case to heatsink
RthC-hs
DC operation single side cooled
0.033
DC operation double side cooled
0.017
Mounting force, ± 10 %
4900
(500)
N
(kg)
Approximate weight
50
g
Case style
See dimensions - link at the end of datasheet
TO-200AB (A-PUK)
ΔR
thJC CONDUCTION
CONDUCTION ANGLE
SINUSOIDAL CONDUCTION
RECTANGULAR CONDUCTION
TEST CONDITIONS
UNITS
SINGLE SIDE
DOUBLE SIDE
SINGLE SIDE
DOUBLE SIDE
180°
0.016
0.016
0.011
0.011
TJ = TJ maximum
K/W
120°
0.019
0.019
0.019
0.019
90°
0.024
0.024
0.026
0.026
60°
0.035
0.035
0.036
0.037
30°
0.060
0.060
0.060
0.061



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com