Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST280C04C2LPBF Datasheet(PDF) 6 Page - Vishay Siliconix

Part # ST280C04C2LPBF
Description  Phase Control Thyristors (Hockey PUK Version), 500 A
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST280C04C2LPBF Datasheet(HTML) 6 Page - Vishay Siliconix

  ST280C04C2LPBF Datasheet HTML 1Page - Vishay Siliconix ST280C04C2LPBF Datasheet HTML 2Page - Vishay Siliconix ST280C04C2LPBF Datasheet HTML 3Page - Vishay Siliconix ST280C04C2LPBF Datasheet HTML 4Page - Vishay Siliconix ST280C04C2LPBF Datasheet HTML 5Page - Vishay Siliconix ST280C04C2LPBF Datasheet HTML 6Page - Vishay Siliconix ST280C04C2LPBF Datasheet HTML 7Page - Vishay Siliconix ST280C04C2LPBF Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 94400
6
Revision: 11-Aug-08
ST280CPbF Series
Vishay High Power Products
Phase Control Thyristors
(Hockey PUK Version), 500 A
Fig. 11 - Gate Charactersitics
ORDERING INFORMATION TABLE
Instantaneous Gate Current (A)
0.1
1
10
100
0.001
0.01
0.1
1
10
100
VGD
IGD
(b)
(a)
(1) (2) (3)
a) Recommended load line for
b) Recommended load line for
<=30% rated di/dt : 10V, 10ohms
Frequency Limited by PG(AV)
rated di/dt : 20V, 10ohms; tr<=1 µs
tr<=1 µs
(1) PGM = 10W, tp = 4ms
(2) PGM = 20W, tp = 2ms
(3) PGM = 40W, tp = 1ms
(4) PGM = 60W, tp = 0.66ms
Rectangular gate pulse
Device: ST280C..C Series
(4)
1
-
Thyristor
2
-
Essential part number
3
-
0 = Converter grade
4
9
-
Lead (Pb)-free
-
C = Ceramic PUK
5
-
Voltage code: code x 100 = VRRM (see Voltage Ratings table)
6
-
C = PUK case TO-200AB (A-PUK)
7
-
0 = Eyelet terminals (gate and auxiliary cathode unsoldered leads)
1 = Fast-on terminals (gate and auxiliary cathode unsoldered leads)
8
-
Critical dV/dt:
None = 500 V/µs (standard selection)
L = 1000 V/µs (special selection)
2 = Eyelet terminals (gate and auxiliary cathode soldered leads)
3 = Fast-on terminals (gate and auxiliary cathode soldered leads)
Device code
5
1
3
24
67
8
9
ST
28
0
C
06
C
1
-
PbF
LINKS TO RELATED DOCUMENTS
Dimensions
http://www.vishay.com/doc?95074



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com