Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1200C14K2LP Datasheet(PDF) 1 Page - Vishay Siliconix

Part # ST1200C14K2LP
Description  Phase Control Thyristors (Stud Version), 1650 A
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST1200C14K2LP Datasheet(HTML) 1 Page - Vishay Siliconix

  ST1200C14K2LP Datasheet HTML 1Page - Vishay Siliconix ST1200C14K2LP Datasheet HTML 2Page - Vishay Siliconix ST1200C14K2LP Datasheet HTML 3Page - Vishay Siliconix ST1200C14K2LP Datasheet HTML 4Page - Vishay Siliconix ST1200C14K2LP Datasheet HTML 5Page - Vishay Siliconix ST1200C14K2LP Datasheet HTML 6Page - Vishay Siliconix ST1200C14K2LP Datasheet HTML 7Page - Vishay Siliconix ST1200C14K2LP Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Document Number: 94394
For technical questions, contact: indmodules@vishay.com
www.vishay.com
Revision: 23-Apr-10
1
Phase Control Thyristors (Stud Version), 1650 A
ST1200C..KP Series
Vishay High Power Products
FEATURES
• Center amplifying gate
• Metal case with ceramic insulator
• International standard case A-24 (K-PUK)
• High profile hockey PUK
• Compliant to RoHS directive 2002/95/EC
• Designed and qualified for industrial level
TYPICAL APPLICATIONS
• DC motor controls
• Controlled DC power supplies
• AC controllers
ELECTRICAL SPECIFICATIONS
PRODUCT SUMMARY
IT(AV)
1650 A
A-24 (K-PUK)
MAJOR RATINGS AND CHARACTERISTICS
PARAMETER
TEST CONDITIONS
VALUES
UNITS
IT(AV)
1650
A
Ths
55
°C
IT(RMS)
3080
A
Ths
25
°C
ITSM
50 Hz
30 500
A
60 Hz
32 000
I2t
50 Hz
4651
kA2s
60 Hz
4250
VDRM/VRRM
1200 to 2000
V
tq
Typical
200
μs
TJ
- 40 to 125
°C
VOLTAGE RATINGS
TYPE NUMBER
VOLTAGE
CODE
VDRM/VRRM, MAXIMUM REPETITIVE
PEAK AND OFF-STATE VOLTAGE
V
VRSM, MAXIMUM
NON-REPETITIVE PEAK VOLTAGE
V
IDRM/IRRM MAXIMUM
AT TJ = TJ MAXIMUM
mA
ST1200C..K
12
1200
1300
100
14
1400
1500
16
1600
1700
18
1800
1900
20
2000
2100


Similar Part No. - ST1200C14K2LP

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST1200C14K2L IRF-ST1200C14K2L Datasheet
87Kb / 7P
PHASE CONTROL THYRISTORS
More results

Similar Description - ST1200C14K2LP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
110RKI40PBF VISHAY-110RKI40PBF Datasheet
138Kb / 7P
Phase Control Thyristors (Stud Version), 110 A
11-Aug-08
ST1120C12K0LPBF VISHAY-ST1120C12K0LPBF Datasheet
133Kb / 7P
Phase Control Thyristors (Hockey PUK Version), 1650 A
11-Aug-08
ST110SPBF VISHAY-ST110SPBF Datasheet
136Kb / 7P
Phase Control Thyristors (Stud Version), 110 A
11-Aug-08
110RKI40PBF VISHAY-110RKI40PBF_09 Datasheet
153Kb / 8P
Phase Control Thyristors (Stud Version), 110 A
04-Nov-09
ST300SPBF VISHAY-ST300SPBF_12 Datasheet
172Kb / 8P
Phase Control Thyristors (Stud Version), 300 A
11-Aug-08
ST1200C..KP VISHAY-ST1200C..KP Datasheet
147Kb / 8P
Phase Control Thyristors (Stud Version), 1650 A
23-Apr-10
VS-ST1200CK VISHAY-VS-ST1200CK Datasheet
208Kb / 8P
Phase Control Thyristors (Hockey PUK Version), 1650 A
27-Sep-17
VS-ST180SVPBF VISHAY-VS-ST180SVPBF Datasheet
193Kb / 8P
Phase Control Thyristors (Stud Version), 200 A
28-Sep-17
VS-180RKIPBF VISHAY-VS-180RKIPBF_V01 Datasheet
179Kb / 8P
Phase Control Thyristors (Stud Version), 180 A
26-Sep-17
VS-ST1200CK VISHAY-VS-ST1200CK_V01 Datasheet
206Kb / 8P
Phase Control Thyristors (Hockey PUK Version), 1650 A
27-Sep-17
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com