Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TR8 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TR8
Description  Solid Tantalum Chip Capacitors MICROTANTM Low ESR, Leadframeless Molded
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TR8 Datasheet(HTML) 2 Page - Vishay Siliconix

  TR8 Datasheet HTML 1Page - Vishay Siliconix TR8 Datasheet HTML 2Page - Vishay Siliconix TR8 Datasheet HTML 3Page - Vishay Siliconix TR8 Datasheet HTML 4Page - Vishay Siliconix TR8 Datasheet HTML 5Page - Vishay Siliconix TR8 Datasheet HTML 6Page - Vishay Siliconix TR8 Datasheet HTML 7Page - Vishay Siliconix TR8 Datasheet HTML 8Page - Vishay Siliconix TR8 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TR8
www.vishay.com
Vishay Sprague
Revision: 09-Aug-11
2
Document Number: 40114
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Preliminary values, contact factory for availability
RATINGS AND CASE CODES
μF
4 V
6.3 V
10 V
16 V
1.0
M
4.7
M (1)
10
M
M
15
M
22
M
33
M
M
47
M
P (1)
220
P
MARKING
VOLTAGE CODE
CAPACITANCE CODE
VCODE
CAP, μF
CODE
4.0
G
33
n
6.3
J
47
s
10
A
68
w
16
C
100
A
20
D
150
E
25
E
220
J
STANDARD RATINGS
CAPACITANCE
(μF)
CASE
CODE
PART NUMBER
MAX. DC
LEAKAGE
AT + 25 °C
(μA)
MAX. DF
AT + 25 °C
(%)
MAX. ESR
AT + 25 °C
100 kHz
(
)
MAX. RIPPLE
100 kHz
IRMS
(A)
C/C (2)
(%)
4 VDC AT + 85 °C; 2.7 VDC AT + 125 °C
33
M
TR8M336M004C1500
2.6
30
1.50
0.129
± 20
47
M
TR8M476M004C1500
3.8
40
1.50
0.129
± 30
220
P
TR8P227(1)004C1000
17.6
30
1.00
0.212
± 30
6.3 VDC AT + 85 °C; 4 VDC AT + 125 °C
10
M
TR8M106(1)6R3C2000
0.6
8
2.00
0.112
± 10
22
M
TR8M226M6R3C1500
2.8
20
1.50
0.129
± 15
33
M
TR8M336M6R3C1500
4.2
30
1.50
0.129
± 30
10 VDC AT + 85 °C; 7 VDC AT + 125 °C
10
M
TR8M106M010C2000
1.0
20
2.00
0.112
± 15
15
M
TR8M156(1)010C3000
1.5
30
3.00
0.091
± 20
47
P
TR8P476M010C0800 (1)
4.7
22
0.80
0.237
± 20
47
P
TR8P476M010C1000
4.7
22
1.00
0.212
± 20
16 VDC AT + 85 °C; 10 VDC AT + 125 °C
1.0
M
TR8M105(1)016C9500
0.5
6.0
9.50
0.05
± 15
4.7
M
TR8M475M016C4000 (1)
0.8
8.0
4.00
0.08
± 15
Notes
• Part number definition:
(1) Tolerance: For 10 % tolerance, specify “K”; for 20 % tolerance, change to “M”
(1) Preliminary values, contact factory for availability
(2) See Performance Characteristics tables
M-Case
Voltage Code
A
Polarity Bar
P-Case
Capacitance
Code
J
G
Voltage
Code
Polarity Bar



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com