Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPSMP36 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TPSMP36
Description  High Power Density Surface Mount PAR Transient Voltage Suppressors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TPSMP36 Datasheet(HTML) 2 Page - Vishay Siliconix

  TPSMP36 Datasheet HTML 1Page - Vishay Siliconix TPSMP36 Datasheet HTML 2Page - Vishay Siliconix TPSMP36 Datasheet HTML 3Page - Vishay Siliconix TPSMP36 Datasheet HTML 4Page - Vishay Siliconix TPSMP36 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 88471
2
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 19-Apr-11
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TPSMP6.8 thru TPSMP43A
Vishay General Semiconductor
New Product
Notes
(1) VBR measured after IT applied for 300 μs, IT = square wave pulse or equivalent
(2) Surge current waveform per fig. 3 and derated per fig. 2
(3) All terms and symbols are consistent with ANSI/IEEE C62.35
ELECTRICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
DEVICE
TYPE
DEVICE
MARKIN
G CODE
BREAKDOWN
VOLTAGE
VBR (1) AT IT (V)
TEST
CURREN
T
IT (mA)
STAND-OF
F
VOLTAGE
VWM (V)
MAXIMU
M
REVERSE
LEAKAGE
AT VWM
IR (μA)
MAXIMUM
REVERSE
LEAKAGE
AT VWM
TJ = 150 °C
ID (μA)
MAXIMU
M PEAK
PULSE
SURGE
CURREN
T
IPPM (2) (A)
MAXIMUM
CLAMPING
VOLTAGE
AT IPPM
VC (V)
MAXIMUM
TEMPERATURE
COEFFICIENT
OF VBR
(%/°C)
MIN.
MAX.
TPSMP6.8
ADP
6.12
7.48
10.0
5.50
300
1000
23.2
10.8
0.057
TPSMP6.8A
AEP
6.45
7.14
10.0
5.80
300
1000
23.8
10.5
0.057
TPSMP7.5
AFP
6.75
8.25
10.0
6.05
150
500
25.6
11.7
0.060
TPSMP7.5A
AGP
7.13
7.88
10.0
6.40
150
500
26.5
11.3
0.061
TPSMP8.2
AHP
7.38
9.02
10.0
6.63
50.0
200
24.0
12.5
0.065
TPSMP8.2A
AKP
7.79
8.61
10.0
7.02
50.0
200
24.8
12.1
0.065
TPSMP9.1
ALP
8.19
10.0
1.0
7.37
10.0
50.0
21.7
13.8
0.068
TPSMP9.1A
AMP
8.65
9.55
1.0
7.78
10.0
50.0
22.4
13.4
0.068
TPSMP10
ANP
9.00
11.0
1.0
8.10
5.0
20.0
20.0
15.0
0.073
TPSMP10A
APP
9.50
10.5
1.0
8.55
5.0
20.0
20.7
14.5
0.073
TPSMP11
AQP
9.90
12.1
1.0
8.92
2.0
10.0
18.5
16.2
0.075
TPSMP11A
ARP
10.5
11.6
1.0
9.40
2.0
10.0
19.2
15.6
0.075
TPSMP12
ASP
10.8
13.2
1.0
9.72
1.0
5.0
17.3
17.3
0.076
TPSMP12A
ATP
11.4
12.6
1.0
10.2
1.0
5.0
18.0
16.7
0.078
TPSMP13
AUP
11.7
14.3
1.0
10.5
1.0
5.0
21.1
19.0
0.081
TPSMP13A
AVP
12.4
13.7
1.0
11.1
1.0
5.0
22.0
18.2
0.081
TPSMP15
AWP
13.5
16.3
1.0
12.1
1.0
5.0
18.2
22.0
0.084
TPSMP15A
AXP
14.3
15.8
1.0
12.8
1.0
5.0
18.9
21.2
0.084
TPSMP16
AYP
14.4
17.6
1.0
12.9
1.0
5.0
17.0
23.5
0.086
TPSMP16A
AZP
15.2
16.8
1.0
13.6
1.0
5.0
17.8
22.5
0.086
TPSMP18
BDP
16.2
19.8
1.0
14.5
1.0
5.0
15.1
26.5
0.088
TPSMP18A
BEP
17.1
18.9
1.0
15.3
1.0
5.0
15.9
25.5
0.088
TPSMP20
BFP
18.0
22.0
1.0
16.2
1.0
5.0
13.7
29.1
0.090
TPSMP20A
BGP
19.0
21.0
1.0
17.1
1.0
5.0
14.4
27.7
0.090
TPSMP22
BHP
19.8
24.2
1.0
17.8
1.0
5.0
12.5
31.9
0.092
TPSMP22A
BKP
20.9
23.1
1.0
18.8
1.0
5.0
13.1
30.6
0.092
TPSMP24
BLP
21.6
26.4
1.0
19.4
1.0
5.0
11.5
34.7
0.094
TPSMP24A
BMP
22.8
25.2
1.0
20.5
1.0
5.0
12.0
33.2
0.094
TPSMP27
BNP
24.3
29.7
1.0
21.8
1.0
5.0
10.2
39.1
0.100
TPSMP27A
BPP
25.7
28.4
1.0
23.1
1.0
5.0
10.7
37.5
0.096
TPSMP30
BQP
27.0
33.0
1.0
24.3
1.0
5.0
9.2
43.5
0.097
TPSMP30A
BRP
28.5
31.5
1.0
25.6
1.0
5.0
9.7
41.4
0.097
TPSMP33
BSP
29.7
36.3
1.0
26.8
1.0
5.0
8.4
47.7
0.098
TPSMP33A
BTP
31.4
34.7
1.0
28.2
1.0
5.0
8.8
45.7
0.098
TPSMP36
BUP
32.4
39.6
1.0
29.1
1.0
5.0
7.7
52.0
0.099
TPSMP36A
BVP
34.2
37.8
1.0
30.8
1.0
5.0
8.0
49.9
0.099
TPSMP39
BWP
35.1
42.9
1.0
31.6
1.0
5.0
7.1
56.4
0.100
TPSMP39A
BXP
37.1
41.0
1.0
33.3
1.0
5.0
7.4
53.9
0.100
TPSMP43
BYP
38.7
47.3
1.0
34.8
1.0
5.0
6.5
61.9
0.101
TPSMP43A
BZP
40.9
45.2
1.0
36.8
1.0
5.0
6.7
59.3
0.101



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com