Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U2B Datasheet(PDF) 2 Page - Vishay Siliconix

Part # U2B
Description  Surface Mount Ultrafast Plastic Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

U2B Datasheet(HTML) 2 Page - Vishay Siliconix

  U2B Datasheet HTML 1Page - Vishay Siliconix U2B Datasheet HTML 2Page - Vishay Siliconix U2B Datasheet HTML 3Page - Vishay Siliconix U2B Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 89096
2
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 13-Oct-09
U2B, U2C, U2D
Vishay General Semiconductor
New Product
Notes
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width
≤ 40 ms
Note
(1) Free air, mounted on recommended copper pad area. Thermal resistance RθJA - junction to ambient, RθJM - junction to mount
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
Fig. 1 - Maximum Forward Current Derating Curve
Fig. 2 - Forward Power Loss Characteristics
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Instantaneous forward voltage
IF = 2 A
TA = 25 °C
VF (1)
0.86
0.90
V
TA = 100 °C
0.76
0.83
Reverse current
Rated VR
TA = 25 °C
IR (2)
-10
μA
TA = 100 °C
180
350
Reverse recovery time
IF = 0.5 A, IR = 1.0 A,
lrr = 0.25 A
TA = 25 °C
trr
-
20
ns
IF = 2.0 A, dI/dt = 50 A/μs,
VR = 30 V, lrr = 0.1 IRM
TA = 25 °C
27
-
TA = 100 °C
35
-
Storage charge
IF = 2.0 A, dI/dt = 50 A/μs,
VR = 30 V, lrr = 0.1 IRM
TA = 25 °C
Qrr
9-
nC
TA = 100 °C
19
-
Typical junction capacitance
4.0 V, 1 MHz
CJ
16
-
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
U2B
U2C
U2D
UNIT
Typical thermal resistance
RθJA
(1)
105
°C/W
RθJM
(1)
18
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
U2D-E3/52T
0.099
52T
750
7" diameter plastic tape and reel
U2D-E3/5BT
0.099
5BT
3200
13" diameter plastic tape and reel
0
3.0
80
90
100
110
120
130
140
150
TM - Mount Temperature (°C)
2.0
1.0
Resistive or Inductive Load
0
0.4
0.8
1.2
1.6
2.0
0
2.4
0.4
Average Forward Current (A)
2.0
1.6
1.2
0.8
D = t
p/T
t
p
T
D = 0.1
D = 0.2
D = 0.3 D = 0.5
D = 0.8
D = 1.0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com