Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U2C Datasheet(PDF) 3 Page - Vishay Siliconix

Part # U2C
Description  Surface Mount Ultrafast Plastic Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

U2C Datasheet(HTML) 3 Page - Vishay Siliconix

  U2C Datasheet HTML 1Page - Vishay Siliconix U2C Datasheet HTML 2Page - Vishay Siliconix U2C Datasheet HTML 3Page - Vishay Siliconix U2C Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Document Number: 89096
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 13-Oct-09
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
3
U2B, U2C, U2D
Vishay General Semiconductor
New Product
Fig. 3 - Typical Instantaneous Forward Characteristics
Fig. 4 - Typical Reverse Characteristics
Fig. 5 - Typical Junction Capacitance
Fig. 6 - Typical Transient Thermal Impedance
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
0.1
0.3
0.5
0.7
0.9
1.1
1.3
Instantaneous Forward Voltage (V)
100
10
1
0.1
0.01
T
A = 150 °C
T
A = 125 °C
T
A = 25 °C
T
A = 100 °C
1
10
100
1000
10 000
Percent of Rated Peak Reverse Voltage (%)
20
40
60
80
100
0.1
10
30
50
70
90
T
A = 150 °C
T
A = 125 °C
T
A = 25 °C
T
A = 100 °C
Reverse Voltage (V)
0.1
10
1
100
10
100
1
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
t - Pulse Duration (s)
0.01
10
1
100
100
1000
1
10
0.1
Junction to Ambient
Cathode Band
DO-214AA (SMB)
0.086 (2.20)
0.077 (1.95)
0.155 (3.94)
0.130 (3.30)
0.180 (4.57)
0.160 (4.06)
0.012 (0.305)
0.006 (0.152)
0.008 (0.2)
0 (0)
0.220 (5.59)
0.205 (5.21)
0.060 (1.52)
0.030 (0.76)
0.096 (2.44)
0.084 (2.13)
Mounting Pad Layout
0.086 (2.18) MIN.
0.060 (1.52) MIN.
0.085 (2.159) MAX.
0.220 (5.59) REF.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com