Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC817-16W Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # BC817-16W
Description  NPN Silicon AF Transistor (For general AF applications High collector current High current gain)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BC817-16W Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  BC817-16W Datasheet HTML 1Page - Siemens Semiconductor Group BC817-16W Datasheet HTML 2Page - Siemens Semiconductor Group BC817-16W Datasheet HTML 3Page - Siemens Semiconductor Group BC817-16W Datasheet HTML 4Page - Siemens Semiconductor Group BC817-16W Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Semiconductor Group
2
Dec-19-1996
BC 817-16W
Electrical Characteristics at
TA=25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
Collector-emitter breakdown voltage
IC = 10 mA, IB = 0 , BC 817 W
IC = 10 mA, IB = 0 , BC 818 W
V(BR)CEO
25
45
-
-
-
-
V
Collector-base breakdown voltage
IC = 10 µA, IB = 0 , BC 817 W
IC = 10 µA, IB = 0 , BC 818 W
V(BR)CBO
30
50
-
-
-
-
Base-emitter breakdown voltage
IE = 10 µA, IC = 0
V(BR)EBO
5
-
-
Collector-base cutoff current
VCB = 25 V, TA = 25 °C
VCB = 25 V, TA = 150 °C
ICBO
-
-
-
-
50
100
nA
µA
Emitter cutoff current
VEB = 4 V, IC = 0
IEBO
-
-
100
nA
DC current gain
IC = 100 mA, VCE = 1 V, BC ... 16 W
IC = 100 mA, VCE = 1 V, BC ... 25 W
IC = 100 mA, VCE = 1 V, BC ... 40 W
IC = 300 mA, VCE = 1 V, BC ... 16 W
IC = 300 mA, VCE = 1 V, BC ... 25 W
IC = 300 mA, VCE = 1 V, BC ... 40 W
hFE
170
100
60
250
160
100
-
-
-
350
250
160
-
-
-
630
400
250
-
Collector-emitter saturation voltage 1)
IC = 500 mA, IB = 50 mA
VCEsat
-
-
0.7
V
Base-emitter saturation voltage 1)
IC = 500 mA, IB = 50 mA
VBEsat
-
-
1.2
1) Pulse test: t < 300
µs; D < 2%



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com