Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

300AWSP1R2REDM1RE Datasheet(PDF) 1 Page - E-SWITCH

Part # 300AWSP1R2REDM1RE
Description  ROCKER AND PADDLE SWITCHES - MINIATURE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

300AWSP1R2REDM1RE Datasheet(HTML) 1 Page - E-SWITCH

  300AWSP1R2REDM1RE Datasheet HTML 1Page - E-SWITCH 300AWSP1R2REDM1RE Datasheet HTML 2Page - E-SWITCH 300AWSP1R2REDM1RE Datasheet HTML 3Page - E-SWITCH 300AWSP1R2REDM1RE Datasheet HTML 4Page - E-SWITCH 300AWSP1R2REDM1RE Datasheet HTML 5Page - E-SWITCH 300AWSP1R2REDM1RE Datasheet HTML 6Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Phone: 800-867-2717
Fax: 763-531-8235
146
Specifications subject to change without notice.
CONTACT
MATERIAL
Q = Silver
R = Gold
Example Ordering Number
300A_ WSP5_ R11_ WHT_ M1_Q_ E
HOW TO ORDER
SERIES
WSP1
WSP2
WSP3
WSP4
WSP5
WDP1
WDP2
WDP3
WDP4
WDP5
MODEL NO.
300A
M1
M3
TERMINATION
SEAL
E
E = Epoxy
Sealed at
Base of
Terminal
Panel Mount:
R1
R2
R11
R16
ACTUATOR
BLK =Black
RED =Red
WHT=White
COLOR
Q = Silver
R = Gold
(See Above
Model No.
Options)
M2
M6
M7
VS2
VS3
M61
M71
VS21
E = Epoxy
Sealed at
Base of
Terminal
P.C. Mount:
J1
J2
J3
J4
J5
J6
BLK =Black
RED =Red
WHT=White
SPECIFICATIONS
Contact Rating:
Dependent upon contact material
Life Expectancy:
30,000 make-and-break cycles at full load
Contract Resistance:
10 m 1typ. initial @ 2-4 V DC, 100 mA
for both silver and gold plated contacts
Insulation Resistance:
1,000 M 1min.
Dielectric Strength:
1,000 V RMS @ sea level
Operating Temperature: -30° C to 85° C
MATERIALS
Housing:
Glass filled nylon, flame retardant, heat stabilized
(UL 94-V0).
Actuator:
Nylon, black std. (UL 94-HB)
Actuator Seal:
Internal O-Ring
Switch Support:
Brass or steel, tin plated
Actuator Pivot &
Mounting Bracket:
Nylon (UL 94-HB)
Actuator Pivot Retainer: Stainless steel
Contacts / Terminals:
Silver or gold plated copper alloy
Terminal Seal:
Epoxy
FEATURES & BENEFITS
Multiple rocker & paddle options
Multiple termination options
Sealed to IP67
APPLICATIONS/MARKETS
Telecommunications
Instrumentation
Test equipment
Networking
Computer peripherals
SERIES 300A SWITCHES
ROCKER AND PADDLE SWITCHES - MINIATURE
Actuator & Frame Colors:
Black, White, Red
Consult E-Switch for other colors and custom actuator marking.


Similar Part No. - 300AWSP1R2REDM1RE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
300AS14-U ETC2-300AS14-U Datasheet
99Kb / 5P
4 Matched NPN Transistors
300AS14-U ETC2-300AS14-U Datasheet
99Kb / 5P
4 Matched NPN Transistors
More results

Similar Description - 300AWSP1R2REDM1RE

ManufacturerPart #DatasheetDescription
logo
GREATECS
RK13 GREATECS-RK13 Datasheet
888Kb / 5P
Miniature Rocker & Paddle Switches
RK14 GREATECS-RK14 Datasheet
526Kb / 4P
Sealed Miniature Rocker & Paddle Switches
logo
E-SWITCH
300 E-SWITCH-300 Datasheet
1Mb / 9P
ROCKER AND PADDLE SWITCHES - MINIATURE
logo
Grayhill, Inc
47ASP1J2M6RT GRAYHILL-47ASP1J2M6RT Datasheet
237Kb / 6P
Miniature Rocker and Paddle Switches
47BWSP1J2M6RT GRAYHILL-47BWSP1J2M6RT Datasheet
204Kb / 6P
Sealed Miniature Rocker and Paddle Switches
logo
Tyco Electronics
A103J1ZQ0 MACOM-A103J1ZQ0 Datasheet
579Kb / 14P
Rocker/Paddle Switches, A Series, Part Number Matrix
logo
Copal Electronics
ELE COPAL-ELE Datasheet
837Kb / 6P
Miniature Rocker Switches
HLA COPAL-HLA Datasheet
557Kb / 6P
Miniature Rocker Switches
logo
Carling Technologies
RG-SERIES CARLINGTECH-RG-SERIES Datasheet
421Kb / 3P
Single/Double Pole Lighted Rocker & Paddle Switches
RA901 CARLINGTECH-RA901 Datasheet
2Mb / 2P
Single Pole Rocker & Paddle Switches
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com