Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSSB310 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VSSB310
Description  Surface Mount Trench MOS Barrier Schottky Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSSB310 Datasheet(HTML) 2 Page - Vishay Siliconix

  VSSB310 Datasheet HTML 1Page - Vishay Siliconix VSSB310 Datasheet HTML 2Page - Vishay Siliconix VSSB310 Datasheet HTML 3Page - Vishay Siliconix VSSB310 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 89139
2
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Revision: 25-Aug-09
VSSB310
Vishay General Semiconductor
New Product
Notes
(1) Pulse test: 300 µs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width
≤ 40 ms
Notes
(1) Free air, mounted on recommended P.C.B. 1 oz. pad area. Thermal resistance RθJA - junction to ambient
(2) Units mounted on P.C.B. with 10 mm x 10 mm copper pad areas. RθJM - junction to mount
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
Fig. 1 - Maximum Forward Current Derating Curve
Fig. 2 - Forward Power Loss Characteristics
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Breakdown voltage
IR = 1.0 mA
TA = 25 °C
VBR
100 (minimum)
-
V
Instantaneous forward voltage
IF = 3.0 A
TA = 25 °C
VF (1)
0.62
0.70
V
TA = 125 °C
0.56
0.65
Reverse current
VR = 70 V
TA = 25 °C
IR (2)
1.5
-
µA
TA = 125 °C
1.2
-
mA
VR = 100 V
TA = 25 °C
7.0
250
µA
TA = 125 °C
3.6
20
mA
Typical junction capacitance
4.0 V, 1 MHz
CJ
230
-
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VSSB310
UNIT
Typical thermal resistance
RθJA (1)
120
°C/W
RθJM (2)
15
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
VSSB310-E3/52T
0.096
52T
750
7" diameter plastic tape and reel
VSSB310-E3/5BT
0.096
5BT
3200
13" diameter plastic tape and reel
0
25
50
75
100
125
4.0
150
TM - Mount Temperature (°C)
2.5
2.0
1.5
0.5
0
1.0
T
M Measured at Terminal
3.0
3.5
0
3.6
0
2.4
Average Forward Current (A)
1.4
1.2
1.0
0.8
0.6
0.4
0.2
3.2
2.8
2.4
2.0
1.6
1.2
0.8
0.4
D = t
p/T
t
p
T
D = 0.1
D = 0.2
D = 0.3
D = 0.5
D = 0.8
D = 1.0
2.2
2.0
1.8
1.6



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com