Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT3060G Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VT3060G
Description  Dual High-Voltage Trench MOS Barrier Schottky Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VT3060G Datasheet(HTML) 3 Page - Vishay Siliconix

  VT3060G Datasheet HTML 1Page - Vishay Siliconix VT3060G Datasheet HTML 2Page - Vishay Siliconix VT3060G Datasheet HTML 3Page - Vishay Siliconix VT3060G Datasheet HTML 4Page - Vishay Siliconix VT3060G Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Document Number: 89236
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 23-Mar-11
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
3
This datasheet is subject to change without notice.
THE PRODUCT DESCRIBED HEREIN AND THIS DATASHEET ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
VT3060G, VIT3060G
Vishay General Semiconductor
New Product
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
Fig. 1 - Maximum Forward Current Derating Curve
Fig. 2 - Forward Power Dissipation Characteristics
Fig. 3 - Typical Instantaneous Forward Characteristics
Fig. 4 - Typical Reverse Characteristics
Fig. 5 - Typical Transient Thermal Impedance
Fig. 6 - Typical Junction Capacitance
Case Temperature (°C)
36
0
25
50
75
100
125
Mounted on Specific Heatsink
0
150
32
28
24
20
16
12
8
4
0
2
4
8
14
018
Average Forward Current (A)
D = 0.1
D = 0.2
D = 0.3
D = 0.5
D = 0.8
6
12
D = t
p/T
t
p
T
14
10
6
4
2
D = 1.0
10
16
12
8
Instantaneous Forward Voltage (V)
0
0.2
0.4
0.8
1.2
100
10
0.1
T
A = 25 °C
0.6
1.0
T
A = 150 °C
T
A = 125 °C
1
T
A = 100 °C
20
30
40
50
60
70
80
90
100
Percent of Rated Peak Reverse Voltage (%)
T
A = 150 °C
T
A = 25 °C
T
A = 100 °C
T
A = 125 °C
1
0.1
0.01
0.001
100
10
10
1
0.01
0.1
1
10
100
t - Pulse Duration (s)
Junction to Case
1000
10 000
0.1
1
10
100
Reverse Voltage (V)
10
100



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com