Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT5200 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VT5200
Description  Trench MOS Barrier Schottky Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VT5200 Datasheet(HTML) 2 Page - Vishay Siliconix

  VT5200 Datasheet HTML 1Page - Vishay Siliconix VT5200 Datasheet HTML 2Page - Vishay Siliconix VT5200 Datasheet HTML 3Page - Vishay Siliconix VT5200 Datasheet HTML 4Page - Vishay Siliconix VT5200 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 89176
2
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 09-Dec-09
VT5200, VFT5200, VBT5200, VIT5200
Vishay General Semiconductor
New Product
Notes
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width
≤ 40 ms
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
Fig. 1 - Maximum Forward Current Derating Curve
Fig. 2 - Forward Power Dissipation Characteristics
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Breakdown voltage
IR = 1.0 mA
TA = 25 °C
VBR
200 (minimum)
-
V
Instantaneous forward voltage
IF = 2.5 A
TA = 25 °C
VF (1)
0.81
-
V
IF = 5.0 A
1.10
1.60
IF = 2.5 A
TA = 125 °C
0.58
-
IF = 5.0 A
0.65
0.73
Reverse current
VR = 180 V
TA = 25 °C
IR (2)
1.7
-
μA
TA = 125 °C
1.8
-
mA
VR = 200 V
TA = 25 °C
-
150
μA
TA = 125 °C
2.5
10
mA
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VT5200
VFT5200
VBT5200
VIT5200
UNIT
Typical thermal resistance
RθJC
3.5
7.0
3.5
3.5
°C/W
ORDERING INFORMATION (Example)
PACKAGE
PREFERRED P/N
UNIT WEIGHT (g)
PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
TO-220AC
VT5200-E3/4W
1.82
4W
50/tube
Tube
ITO-220AC
VFT5200-E3/4W
1.65
4W
50/tube
Tube
TO-263AB
VBT5200-E3/4W
1.36
4W
50/tube
Tube
TO-263AB
VBT5200-E3/8W
1.36
8W
800/reel
Tape and reel
TO-262AA
VIT5200-E3/4W
1.44
4W
50/tube
Tube
Case Temperature (°C)
6
4
0
25
50
75
100
125
VFT5200
Mounted on Specific Heatsink
3
2
1
5
0
150
V(B,I)T5200
Resistive or Inductive Load
0
0.4
1.2
2.0
4.8
06
Average Forward Current (A)
0.8
1.6
2.4
5
4
3
2
1
2.8
3.6
4.4
3.2
4.0
D = t
p/T
t
p
T
D = 0.1
D = 0.2
D = 0.3
D = 0.5
D = 0.8
D = 1.0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com